Electronic Components Datasheet Search
  English  ▼

X  

THS4532 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # THS4532
Description  THS4561 Low-Power, High Supply Range, 60-MHz, Fully Differential Amplifier
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4532 Datasheet(HTML) 24 Page - Texas Instruments

Back Button THS4532 Datasheet HTML 20Page - Texas Instruments THS4532 Datasheet HTML 21Page - Texas Instruments THS4532 Datasheet HTML 22Page - Texas Instruments THS4532 Datasheet HTML 23Page - Texas Instruments THS4532 Datasheet HTML 24Page - Texas Instruments THS4532 Datasheet HTML 25Page - Texas Instruments THS4532 Datasheet HTML 26Page - Texas Instruments THS4532 Datasheet HTML 27Page - Texas Instruments THS4532 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 51 page
background image
9 Detailed Description
9.1 Overview
The THS4561 is a fully differential amplifier featuring an extremely flexible supply voltage range of 2.85 V to
12.6 V, which makes this device an excellent choice for driving differential ADCs and buffering DAC outputs. This
device features a low-power mode with a unique active-pullup resistor (not a conventional pullup resistor) that
improves EMI reliability of the shutdown pin when left floating. This pin draws very little bias current when
enabled, but increases the bias current as it nears the threshold point of shutdown. The increased current
prevents the pin from unintentionally turning the device off in the presence of EMI on the disable pin. Similar to
other fully differential amplifiers, the THS4561 also includes an output common-mode control pin that can be
used to independently set the output common mode to match that of an ADC or other load circuit.
9.2 Functional Block Diagram
VS+
IN±
+
±
High-AOL
Differential I/O
Amplifier
IN+
400 k
OUT+
OUT±
+
±
+
±
VCM
Error
Amplifier
VOCM
VS+
400 k
PD
CMOS
Buffer
VS±
8.5
8.5
FB±
(RGT Package)
FB+
(RGT Package)
VS±
2.4 pF
6 k
6 k
THS4561
SBOS874C – AUGUST 2017 – REVISED DECEMBER 2020
www.ti.com
24
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: THS4561



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com