Electronic Components Datasheet Search
  English  ▼

X  

ARRAYC Datasheet(PDF) 8 Page - ON Semiconductor

Part # ARRAYC
Description  Silicon Photomultiplier (SiPM) 4-Side Scaleable Arrays
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ARRAYC Datasheet(HTML) 8 Page - ON Semiconductor

Back Button ARRAYC Datasheet HTML 4Page - ON Semiconductor ARRAYC Datasheet HTML 5Page - ON Semiconductor ARRAYC Datasheet HTML 6Page - ON Semiconductor ARRAYC Datasheet HTML 7Page - ON Semiconductor ARRAYC Datasheet HTML 8Page - ON Semiconductor ARRAYC Datasheet HTML 9Page - ON Semiconductor ARRAYC Datasheet HTML 10Page - ON Semiconductor ARRAYC Datasheet HTML 11Page - ON Semiconductor ARRAYC Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
ArrayC Series
www.onsemi.com
8
ARRAYX-BOB6-64P
(ARRAYC-60035-64P Breakout Board)
The ARRAYX-BOB6-64P is an evaluation board
allowing easy access to all the signals of a
ON Semiconductor ARRAYC-60035-64P, 6 mm 8 x 8
SiPM array.
The Breakout Board features two Samtec 80-way
connectors, type QSE-040-01-F-D-A. These connectors
mate with the Samtec QTE-040-03-F-D-A board-to- board
connector on the array. Since the connectors are keyed,
orientating the array on the BOB is straightforward.
All signals on the array are routed via the mating
connectors to header pins. These pins are formed of four
50-way (25 x 2 row) 2.54 mm pitch headers; J3, J4, J5 and
J6. Each of the four headers also has 8 pins left unconnected
to allow prototyping for evaluation purposes. The layout of
the board can be seen in Figure 4.
The three SMA connectors on the board can be connected
via the supplied jumper cable to any of the array header pins
and used for accessing signals or suppling bias voltage. Four
7 mm holes are aligned on a 25 mm grid to allow mounting
of the board on an optical breadboard.
See Appendices A and B for examples of Breakout Board
usage.
Schematics for the ARRAYC-60035-4P-EVB
Figure 4. Layout of the ARRAYX-BOB6-64P. The dimensions of the board are 112 mm x 112 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com