Electronic Components Datasheet Search
  English  ▼

X  

ARRAYC Datasheet(PDF) 3 Page - ON Semiconductor

Part # ARRAYC
Description  Silicon Photomultiplier (SiPM) 4-Side Scaleable Arrays
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ARRAYC Datasheet(HTML) 3 Page - ON Semiconductor

  ARRAYC Datasheet HTML 1Page - ON Semiconductor ARRAYC Datasheet HTML 2Page - ON Semiconductor ARRAYC Datasheet HTML 3Page - ON Semiconductor ARRAYC Datasheet HTML 4Page - ON Semiconductor ARRAYC Datasheet HTML 5Page - ON Semiconductor ARRAYC Datasheet HTML 6Page - ON Semiconductor ARRAYC Datasheet HTML 7Page - ON Semiconductor ARRAYC Datasheet HTML 8Page - ON Semiconductor ARRAYC Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
ArrayC Series
www.onsemi.com
3
BGA Connections for the ARRAYC-60035-4P-BGA
The fiducial is indicated in the image below. It marks the
location of both pin A1 and pixel 1.
Fiducial
Pin. No
Function
A1
Anode 1
A2
Anode 2
A3
Common Cathode
B1
Anode 3
B2
Anode 4
B3
Common Cathode
C1
Common Cathode
C2
Common Cathode
C3
Common Cathode
ARRAYC-60035-4P-BGA - Solder Footprint and Reflow
Solder Profile
The BGA package is compatible with standard reflow
solder processes (J-STD-20) and so is ideal for high-volume
manufacturing. The ARRAYC-60035-4P-BGA should be
mounted according to specified soldering pad patterns, as
given in of the CAD file.
Solder paste (we recommend using no-clean solder paste)
must be evenly applied to each soldering pad to insure
proper bonding and positioning of the array. After soldering,
allow at least three minutes for the component to cool to
room temperature before further operations.
Solder reflow conditions must be in compliance with
J-STD-20, table 5.2. This is summarized in Figure 2. The
number of passes should not be more than 2.
Figure 2. Solder reflow profile. Conditions must be in compliance with J-STD-20, table 5.2
0
50
100
150
200
250
300
0
50
100
150
200
250
300
Solder Reflow Profile
Time (s)
60 to 120 s
Max 4°C/s
Max 260°C
Max 6°C/s
Max 10 s at 260°C
217°C
180°C
60~100 s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com