Electronic Components Datasheet Search
  English  ▼

X  

ARRAYC Datasheet(PDF) 2 Page - ON Semiconductor

Part # ARRAYC
Description  Silicon Photomultiplier (SiPM) 4-Side Scaleable Arrays
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ARRAYC Datasheet(HTML) 2 Page - ON Semiconductor

  ARRAYC Datasheet HTML 1Page - ON Semiconductor ARRAYC Datasheet HTML 2Page - ON Semiconductor ARRAYC Datasheet HTML 3Page - ON Semiconductor ARRAYC Datasheet HTML 4Page - ON Semiconductor ARRAYC Datasheet HTML 5Page - ON Semiconductor ARRAYC Datasheet HTML 6Page - ON Semiconductor ARRAYC Datasheet HTML 7Page - ON Semiconductor ARRAYC Datasheet HTML 8Page - ON Semiconductor ARRAYC Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
ArrayC Series
www.onsemi.com
2
ARRAYC-60035-4P-BGA (2 x 2 ARRAY OF 6 mm SMT SENSORS)
Array Size
Sensor Type
Readout
Board Size
Pixel Pitch
No. Connections
No. Connectors
2 x 2
60035
Pixel
14.2 x 14.2 mm2
7.2 mm
9
3 x 3 BGA
The ARRAYC-60035-4P is comprised of 4 individual
6mm C-Series sensors arranged in a 2 x 2 array.
The performance of the individual pixels and details of the
bias to apply can be found in the C-Series datasheet.
Connections to each sensor are provided by a BGA (ball
grid array). The BGA can be used to mount the array on the
user’s board using reflow soldering.
The 4 SiPM sensors have all substrate connections
(cathodes) connected together to form a common I/O. The
3 x 3 BGA provides connections as follows:
• 4 x standard I/O
• 5 x common I/O
• There is NO fast output
Schematics for the ARRAYC-60035-4P-BGA
The complete ARRAYC-60035-4P-BGA CAD and solder footprint is available to download.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com