Electronic Components Datasheet Search
  English  ▼

X  

ATS696PSM Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # ATS696PSM
Description  Position Sensor IC with Speed and Direction Output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS696PSM Datasheet(HTML) 1 Page - Allegro MicroSystems

  ATS696PSM Datasheet HTML 1Page - Allegro MicroSystems ATS696PSM Datasheet HTML 2Page - Allegro MicroSystems ATS696PSM Datasheet HTML 3Page - Allegro MicroSystems ATS696PSM Datasheet HTML 4Page - Allegro MicroSystems ATS696PSM Datasheet HTML 5Page - Allegro MicroSystems ATS696PSM Datasheet HTML 6Page - Allegro MicroSystems ATS696PSM Datasheet HTML 7Page - Allegro MicroSystems ATS696PSM Datasheet HTML 8Page - Allegro MicroSystems ATS696PSM Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
DESCRIPTION
The ATS696PSM is a combined Hall-effect sensor IC and
EMC protection circuit that provides a user-friendly PCB-less
solution for true zero-speed digital crankshaft sensing. The
ATS696 provides speed and direction information through a
variable pulse-width output protocol. The open-drain output
provides a voltage output such that the time between falling
electrical edges (period) corresponds to the speed, and the time
between a falling edge and corresponding rising edge (pulse
width) indicates direction. The device can be optimized via
programmable options for crankshaft sensing applications and
can be used to sense a ferromagnetic target.
Three Hall plates are used to create three differential channels.
These channels, along with advanced direction detection
algorithms, are used to produce a highly accurate output
across the full range of air gap and operating temperatures.
The combination of high accuracy with direction information
provides absolute position on most crank targets in cases of
engine backlash, making it ideal for stop/start engine designs.
The ATS696 is provided in a 3-pin SIP package (SM) that is
lead (Pb) free, wtih 100% tin leadframe plating.
ATS696PSM-DS
MCO-0000519
FEATURES AND BENEFITS
• Allegro SM package with integrated EMC components
reduces need for external EMI protection
• Integrated back-biasing rare-earth pellet
• Digital output with speed and direction information
provides ferromagnetic target position information
• Enhanced algorithms provide low jitter and high output
accuracy performance
• Center of package switching alignment
• EEPROM programming for performance optimization
and production traceability
• Electrical offset compensation through chopper
stabilization
• Zero-crossing switching with internal hysteresis
• Robust test coverage capability using Scan Path and
IDDQ measurement
Position Sensor IC
with Speed and Direction Output
Figure 1: Functional Block Diagram
ATS696PSM
Not to scale
PACKAGE:
Current
Limit
Hall
Amp
ADC
GND
Internal Regulator
(Analog)
VCC
Die
Package
OUT
COUT
CSUPPLY
Internal Regulator
(Digital)
Hall
Amp
Low Pass
Filter
Low Pass
Filter
ADC
EEPROM
Synchronous
Digital Controller
Direction Detection Logic
Stop Mode Timer
Application Trim
Temperature Compensation
Temperature
Transducer
ROUT
RSUPPLY
October 26, 2018
3-pin SIP (suffix SM)


Similar Part No. - ATS696PSM

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ATS692LSH ALLEGRO-ATS692LSH Datasheet
355Kb / 12P
Two-wire, pulse width output protocol
ATS692LSHTN-RSNPH-T ALLEGRO-ATS692LSHTN-RSNPH-T Datasheet
355Kb / 12P
Two-wire, pulse width output protocol
ATS693LSG ALLEGRO-ATS693LSG Datasheet
1Mb / 15P
Three-wire, pulse width output protocol
ATS693LSGTN-RSNYBH-T ALLEGRO-ATS693LSGTN-RSNYBH-T Datasheet
1Mb / 15P
Three-wire, pulse width output protocol
ATS699LSN ALLEGRO-ATS699LSN Datasheet
861Kb / 15P
Two-Wire, Differential, Vibration-Resistant Sensor IC with Speed and Direction Output
More results

Similar Description - ATS696PSM

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ATS605LSG ALLEGRO-ATS605LSG Datasheet
1Mb / 17P
Dual Output Differential Speed and Direction Sensor IC
A1693 ALLEGRO-A1693 Datasheet
815Kb / 15P
Vibration-Tolerant Hall-Effect Transmission Speed and Direction Sensor IC
A1699 ALLEGRO-A1699 Datasheet
1Mb / 18P
Two-Wire, Differential, Vibration-Resistant Sensor IC with Speed and Direction Output
A19350 ALLEGRO-A19350 Datasheet
1Mb / 14P
High Accuracy GMR Wheel Speed and Direction Sensor IC
A19520 ALLEGRO-A19520 Datasheet
883Kb / 15P
Vibration-Tolerant Hall-Effect Transmission Speed and Direction Sensor IC
ATS699LSN ALLEGRO-ATS699LSN Datasheet
861Kb / 15P
Two-Wire, Differential, Vibration-Resistant Sensor IC with Speed and Direction Output
A1696PUC ALLEGRO-A1696PUC Datasheet
1Mb / 17P
Position Sensor IC with Speed and Direction Output
A17501 ALLEGRO-A17501 Datasheet
1Mb / 22P
Dual Output Differential Speed and Direction Sensor IC
A19571 ALLEGRO-A19571 Datasheet
2Mb / 17P
GMR Transmission Speed and Direction Sensor IC
ATS17501 ALLEGRO-ATS17501 Datasheet
1Mb / 23P
Dual Output Differential Speed and Direction Sensor IC
March 19, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com