Electronic Components Datasheet Search
  English  ▼

X  

ATS696PSM Datasheet(PDF) 16 Page - Allegro MicroSystems

Part # ATS696PSM
Description  Position Sensor IC with Speed and Direction Output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS696PSM Datasheet(HTML) 16 Page - Allegro MicroSystems

Back Button ATS696PSM Datasheet HTML 9Page - Allegro MicroSystems ATS696PSM Datasheet HTML 10Page - Allegro MicroSystems ATS696PSM Datasheet HTML 11Page - Allegro MicroSystems ATS696PSM Datasheet HTML 12Page - Allegro MicroSystems ATS696PSM Datasheet HTML 13Page - Allegro MicroSystems ATS696PSM Datasheet HTML 14Page - Allegro MicroSystems ATS696PSM Datasheet HTML 15Page - Allegro MicroSystems ATS696PSM Datasheet HTML 16Page - Allegro MicroSystems ATS696PSM Datasheet HTML 17Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Position Sensor IC
with Speed and Direction Output
ATS696PSM
16
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Package SM, 3-Pin SIP
For Reference Only – Not for Tooling Use
(Reference DWG-0000417, Rev. 3)
Dimensions in Millimeters – NOT TO SCALE
Dimensions exclusive of mold flash, gate burrs, and dambar protrusions
Exact case and lead configuration at supplier discretion within limits shown
0.90 REF
2
2
3
3
1
1
B
2 × 7°
2 × 10°
A
Branded
Face
2 × 2.40 ±0.10
5.78 ±0.10
6.42 REF
2.66 REF
0.60 REF
0.79 REF
7.65 ±0.10
15.58 ±0.10
19.24 REF
23.36 REF
1.60 ±0.10
5.00 ±0.10
A
B
C
C
D Branding scale and appearance at supplier discretion
7.00 ±0.10
E
E
0.30 REF
3 × 1.00 ±0.10
3 × 0.51 REF
0.25 ±0.05
Plating included
2.00 ±0.10
2 × 1.27 ±0.10
1.15 ±0.05
E1
E3
2.58
3.12
0.65 REF
3.83 REF
2.50
F
F
F
F
F
F
D
7.99 REF
Lot Number
AXXNNNNN
Date Code
1
Standard Branding Reference View
Lines 1, 2, 3, 4: Max. 10 characters per line
Line 1: Logo A
Line 2: Characters 5, 6, 7, 8, 9, 10, 11 of
Assembly Lot Number
Line 3: Part Number
Line 4: 4-digit Date Code
Dambar removal protrusion (12×)
Gate and tie bar burr area
Active Area Depth 0.40 ±0.05 mm
Molded lead bar for preventing damage to leads during shipment
Hall elements (E1, E2, and E3), not to scale
E2
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com