Electronic Components Datasheet Search
  English  ▼

X  

ATS696PSM Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # ATS696PSM
Description  Position Sensor IC with Speed and Direction Output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS696PSM Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button ATS696PSM Datasheet HTML 6Page - Allegro MicroSystems ATS696PSM Datasheet HTML 7Page - Allegro MicroSystems ATS696PSM Datasheet HTML 8Page - Allegro MicroSystems ATS696PSM Datasheet HTML 9Page - Allegro MicroSystems ATS696PSM Datasheet HTML 10Page - Allegro MicroSystems ATS696PSM Datasheet HTML 11Page - Allegro MicroSystems ATS696PSM Datasheet HTML 12Page - Allegro MicroSystems ATS696PSM Datasheet HTML 13Page - Allegro MicroSystems ATS696PSM Datasheet HTML 14Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Position Sensor IC
with Speed and Direction Output
ATS696PSM
10
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
STOP & GO MODE
In certain engine management applications, it is possible for large
temperature changes to occur while the target is stationary. These
temperature changes can affect the differential magnetic signals.
The Stop & Go algorithm compensates for such shifts in the pro-
cessed signal. Once normal rotation resumes, the part will return
to running mode.
APPLICATION INFORMATION
Power Supply Protection
The ATS696 contains an on-chip regulator and can operate across
a wide supply voltage range. Figure 2 shows the minimum exter-
nal circuitry needed for proper operation of the sensor IC. This
ease of use reduces design time and incremental assembly costs
for most applications. Contact Allegro MicroSystems for infor-
mation on EMC specification compliance.
Target Design
The ATS696 is designed to provide highly accurate switching at
each switching feature detected, including switching at the first
switching feature after power-on, as well as at the first switching
feature after a reversal in the direction of target rotation. To sup-
port this functionality, the target must generate a trio of differen-
tial magnetic profiles, such that the two direction channels have
discernible leading/lagging characteristics. The direction of rota-
tion is determined by comparing the spatial separation between
the differential magnetic profiles of the two direction channels.
SIGNAL DIFFERENTIATION AT SWITCHING FEATURES
The optimal separation between the profiles of the two differen-
tial direction signals occurs when the corresponding magnetic
profiles are in quadrature; this is illustrated in Figure 10. Quadra-
ture profiles can be achieved when the target pitch of the switch-
ing feature is approximately equal to twice the distance between
the midpoints of the two direction channels, that is, the distance
between the midpoint of Hall elements E1 and E2 and the mid-
point of Hall elements E2 and E3. This equates to 2.5 mm.
For the ATS696, a switching feature can either be magnetic north
and/or magnetic south of a gear tooth peak/valley depending on
the Output Pulse Location. This translates to either a positive or
negative slope on the Speed channel magnetic signal, and the
output switching occurs at the BST point. The BST point is pro-
grammable depending on target type; see Programmable Options
Table.
Either differential direction channel can be leading or lagging the
other, depending on the relative direction of target rotation. When
a switching feature is adjacent to the device, i.e. the Speed chan-
nel crosses the BST point, the difference between the differential
direction signals must be at least 30% of the peak-to-peak ampli-
tude in the sequential regions, BSEQ. The difference between
the differential direction signals is programmable depending on
target type; see Programmable Options Table. The sequential
region refers to the target areas where the switching features are
periodic and of uniform configuration, and therefore generating a
consistent magnetic profile; see Figure 6.
NON-SWITCHING FEATURES
When non-switching features are adjacent to the device, the
constraints on the differential magnetic signals are less stringent,
because no output pulses are generated. However, channel signal
separation greater than zero must be maintained so that the lead-
ing/lagging relationship of the differential magnetic signals is not
reversed.
USE OF SIGNATURE REGIONS
Signature regions are target features that are disproportionately
long relative to the sequential features. As a result, they can gen-
erate differential signal peaks that differ from the peaks generated
by the sequential regions; see Figure 6. The device accommo-
dates these peaks, and switching occurs at relatively the same
switchpoint as on the sequential features. The effect of a signa-
ture region would be a delay in reaching the next switchpoint.
The extension of the signal period significantly reduces the slope
of the magnetic gradient around the midpoint of a signature fea-
ture. In fact, for relatively large signature features, the magnetic
gradient can become flat, as shown in Figure 6. The flat magnetic
signal also makes it difficult to maintain the necessary channel
separation required for a switching feature. For these reasons,
the device accommodates only signature features that are non-
switching features.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com