Electronic Components Datasheet Search
  English  ▼

X  

RA6M3 Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # RA6M3
Description  Leading performance 120-MHz Arm Cortex-M4 core, up to 2-MB code flash memory
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA6M3 Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button RA6M3 Datasheet HTML 60Page - Renesas Technology Corp RA6M3 Datasheet HTML 61Page - Renesas Technology Corp RA6M3 Datasheet HTML 62Page - Renesas Technology Corp RA6M3 Datasheet HTML 63Page - Renesas Technology Corp RA6M3 Datasheet HTML 64Page - Renesas Technology Corp RA6M3 Datasheet HTML 65Page - Renesas Technology Corp RA6M3 Datasheet HTML 66Page - Renesas Technology Corp RA6M3 Datasheet HTML 67Page - Renesas Technology Corp RA6M3 Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 116 page
background image
R01DS0358EJ0110 Rev.1.10
Page 64 of 116
Dec 25, 2020
RA6M3 Group
2. Electrical Characteristics
Figure 2.44
SCI input/output timing in clock synchronous mode
Table 2.23
SCI timing (2)
Conditions: High drive output is selected in the port drive capability bit in the PmnPFS register for the following pins: SCK0 to SCK9.
For other pins, middle drive output is selected in the port drive capability bit in the PmnPFS register.
Parameter
Symbol
Min
Max
Unit
Test
conditions
Simple
SPI
SCK clock cycle output
(master)
tSPcyc
4 (PCLKA ≤ 60 MHz)
8 (PCLKA > 60 MHz)
65536
tPcyc
Figure 2.45
SCK clock cycle input (slave) -
6 (PCLKA ≤ 60 MHz)
12 (PCLKA > 60 MHz)
65536
SCK clock high pulse width
tSPCKWH
0.4
0.6
tSPcyc
SCK clock low pulse width
tSPCKWL
0.4
0.6
tSPcyc
SCK clock rise and fall time
tSPCKr, tSPCKf
-20
ns
Data input setup time
tSU
33.3
-
ns
Figure 2.46 to
Figure 2.49
Data input hold time
tH
33.3
-
ns
SS input setup time
tLEAD
1-
tSPcyc
SS input hold time
tLAG
1-
tSPcyc
Data output delay
tOD
-
33.3
ns
Data output hold time
tOH
-10
-
ns
Data rise and fall time
tDr, tDf
-
16.6
ns
SS input rise and fall time
tSSLr, tSSLf
-
16.6
ns
Slave access time
tSA
-
4 (PCLKA ≤ 60 MHz)
8 (PCLKA > 60 MHz)
tPcyc
Figure 2.49
Slave output release time
tREL
-
5 (PCLKA ≤ 60 MHz)
10 (PCLKA > 60 MHz)
tPcyc
tTXD
tRXS tRXH
TxDn
RxDn
SCKn
n = 0 to 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com