Electronic Components Datasheet Search
  English  ▼

X  

RX72M Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RX72M
Description  240-MHz 32-bit RX MCU, on-chip double-precision FPU, 1396 CoreMark
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX72M Datasheet(HTML) 3 Page - Renesas Technology Corp

  RX72M Datasheet HTML 1Page - Renesas Technology Corp RX72M Datasheet HTML 2Page - Renesas Technology Corp RX72M Datasheet HTML 3Page - Renesas Technology Corp RX72M Datasheet HTML 4Page - Renesas Technology Corp RX72M Datasheet HTML 5Page - Renesas Technology Corp RX72M Datasheet HTML 6Page - Renesas Technology Corp RX72M Datasheet HTML 7Page - Renesas Technology Corp RX72M Datasheet HTML 8Page - Renesas Technology Corp RX72M Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 158 page
background image
RX72M Group
1. Overview
R01DS0332EJ0100 Rev.1.00
Page 3 of 158
May 31, 2019
Memory
Code flash memory
 Capacity: 2 Mbytes/4 Mbytes
 ROM cache: 8 Kbytes
 120 MHz ≤ No-wait cycle access,
120 MHz > One-wait cycle access
 Instructions hitting the ROM cache or operand = 240 MHz: No-wait access
 On-board programming: Four types
 Off-board programming (parallel programmer mode)
 Instructions are executable only for the program stored in the TM target area by using
the Trusted Memory (TM) function and protection against data reading is realized.
 A dual-bank structure allows programming during reading or exchanging the start-up
areas
Data flash memory
 Capacity: 32 Kbytes
 Programming/erasing: 100,000 times
Unique ID
 16-byte unique ID for each device
RAM
 Capacity: 512 Kbytes
 Up to 240 MHz, no-wait access
Expansion RAM
 Capacity: 512 Kbytes
 120 MHz ≤ No-wait cycle access,
120 MHz > One-wait cycle access
ECC RAM
 Capacity: 32 Kbytes
 If the operating frequency is no greater than 120 MHz, one-wait cycle access,
if greater than 120MHz, two-wait cycle access in the case of reading, and three-wait
cycle access in the case of writing
 SEC-DED (single-bit error correction and double-bit error detection)
Standby RAM
 Capacity: 8 Kbytes
 Operation synchronized with PCLKB: Up to 60 MHz, two-cycle access
Operating modes
 Operating modes by the mode-setting pins at the time of release from the reset state
Single-chip mode
Boot mode (for the SCI interface)
Boot mode (for the USB interface)
Boot mode (for the FINE interface)
 Selection of operating mode by register setting
Single-chip mode
On-chip ROM disabled extended mode
On-chip ROM enabled extended mode
 Endian selectable
Clock
Clock generation circuit
 Main clock oscillator, sub-clock oscillator, low-speed/high-speed on-chip oscillator, PLL
frequency synthesizer (two circuits), and IWDT-dedicated on-chip oscillator
 The peripheral module clocks can be set to frequencies above that of the system clock.
 Main-clock oscillation stoppage detection
 Separate frequency-division and multiplication settings for the system clock (ICLK),
peripheral module clocks (PCLKA, PCLKB, PCLKC, PCLKD), flash-IF clock (FCLK) and
external bus clock (BCLK)
The CPU and other bus masters run in synchronization with the system clock (ICLK): Up
to 240 MHz
Peripheral modules of MTU, RSPI, SCIi, ETHERC, EPTPC, PMGI, EDMAC, GPTW,
GLCDC, DRW2D, and ESC run in synchronization with PCLKA, which operates at up to
120 MHz.
Other peripheral modules run in synchronization with PCLKB: Up to 60 MHz
ADCLK in the S12AD (unit 0) runs in synchronization with PCLKC: Up to 60 MHz
ADCLK in the S12AD (unit 1) runs in synchronization with PCLKD: Up to 60 MHz
Flash IF run in synchronization with the flash-IF clock (FCLK): Up to 60 MHz
Devices connected to the external bus run in synchronization with the external bus clock
(BCLK): Up to 80 MHz
 The high-speed on-chip oscillator (HOCO) can be obtained through frequency-
multiplication of the PLL or PPLL reference clock
 External clock input frequency: 30 MHz (max)
 Clock output function
Table 1.1
Outline of Specifications (2/11)
Classification
Module/Function
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com