| Electronic Components Datasheet Search |
|
RX72M Datasheet(PDF) 23 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RX72M Datasheet(HTML) 23 Page - Renesas Technology Corp |
|
23 / 158 page ![]() RX72M Group 1. Overview R01DS0332EJ0100 Rev.1.00 Page 23 of 158 May 31, 2019 EtherCAT slave controller MII mode CAT0_LINKSTA, CAT1_LINKSTA Input PHY link signal input pins CAT0_RX_CLK, CAT1_RX_CLK Input Receive clock input pins CAT0_RX_DV, CAT1_RX_DV Input Receive data enabling signal input pins CAT0_ERXD0 to CAT0_ERXD3, CAT1_ERXD0 to CAT1_ERXD3 Input Receive data signal input pins CAT0_RX_ER, CAT1_RX_ER Input Receive data error signal input pins CAT0_TX_CLK, CAT1_TX_CLK Input Transmit clock input pins CAT0_TX_EN, CAT1_TX_EN Output Transmit enabling signal output pins CAT0_ETXD0 to CAT0_ETXD3, CAT1_ETXD0 to CAT1_ETXD3 Output Transmit data signal output pins CAT0_MDC Output Management interface clock output pin CAT0_MDIO I/O Management data signal input/output pin CLKOUT25M Output 25-MHz clock output pin for PHY clock input (used in common by the EtherC module) Exclusively for EtherCAT CATRESTOUT Output Output signal for resetting the PHY chip CATLEDRUN Output EtherCAT run LED signal output pin CATIRQ Output EtherCAT IRQ signal output pin CATLEDSTER Output EtherCAT dual-color state LED signal output pin CATLEDERR Output EtherCAT error LED signal output pin CATLINKACT0, CATLINKACT1 Output EtherCAT link/activity LED signal output pins CATSYNC0, CATSYNC1 Output EtherCAT sync signal output pins CATLATCH0, CATLATCH1 Input EtherCAT latch signal output pins CATI2CCLK Output EtherCAT EEPROM I2C clock signal output pin CATI2CDATA I/O EtherCAT EEPROM I2C data signal input/output pin USB 2.0 host/function module VCC_USB Input Power supply pin VSS_USB Input Ground pin USB0_DP I/O Input or output USB transceiver D+ data. USB0_DM I/O Input or output USB transceiver D- data. USB0_EXICEN Output Connect to the OTG power IC. USB0_ID Input Connect to the OTG power IC. USB0_VBUSEN Output USB VBUS power enable pin USB0_OVRCURA/ USB0_OVRCURB Input USB overcurrent pins USB0_VBUS Input USB cable connection/disconnection detection input pin CAN module CRX0, CRX1, CRX2, CRX1-DS Input Input pins CTX0, CTX1, CTX2 Output Output pins Table 1.4 Pin Functions (6/9) Classifications Pin Name I/O Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |