Electronic Components Datasheet Search
  English  ▼

X  

RX72T Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # RX72T
Description  Maximum operating frequency: 200 MHz Capable of 1160 CoreMark in operation at 200 MHz
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX72T Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button RX72T Datasheet HTML 35Page - Renesas Technology Corp RX72T Datasheet HTML 36Page - Renesas Technology Corp RX72T Datasheet HTML 37Page - Renesas Technology Corp RX72T Datasheet HTML 38Page - Renesas Technology Corp RX72T Datasheet HTML 39Page - Renesas Technology Corp RX72T Datasheet HTML 40Page - Renesas Technology Corp RX72T Datasheet HTML 41Page - Renesas Technology Corp RX72T Datasheet HTML 42Page - Renesas Technology Corp RX72T Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 176 page
background image
R01DS0331EJ0100 Rev.1.00
Page 39 of 176
Feb 08, 2019
RX72T Group
1. Overview
Table 1.7
List of Pin and Pin Functions (100-pin with PGA pseudo-differential input and without USB pin)
(1/5)
Pin
Number
Power Supply
Clock System
Control
I/O Port
Bus
Timer
Communications
Interrupt
Analog
Others
100-Pin
LFQFP
(MTU, GPTW, TMR,
POE, POEG, CAC)
(SCI, RSPI, RIIC, CAN) (IRQ, NMI)
1
PE5
BCLK
MTIOC9D/MTIOC9D#/
GTIOC3A/GTETRGB/
GTIOC3A#/GTETRGD
SCK9/CTS9#/RTS9#/
SS9#
IRQ0
ADST0
2EMLE
3
VSS
4
UB
P00
A11
MTIOC9A/MTIOC9A#/
CACREF
RXD9/SMISO9/SSCL9/
RXD12/SMISO12/
SSCL12/RXDX12
IRQ2
ADST1/
COMP0
5VCL
6
MD/FINED
7
P01
A10
MTIOC9C/MTIOC9C#/
GTETRGA/GTETRGB/
GTETRGC/GTETRGD/
POE12#
TXD9/SMOSI9/SSDA9/
TXD12/SMOSI12/
SSDA12/TXDX12/
SIOX12
IRQ4
ADST2/
COMP1
8
PE4
A9
MTCLKC/MTCLKC#/
GTETRGA/GTETRGB/
GTETRGC/GTETRGD/
POE10#
SCK9
IRQ1
9
PE3
A8
MTCLKD/MTCLKD#/
GTETRGA/GTETRGB/
GTETRGC/GTETRGD/
POE11#
CTS9#/RTS9#/SS9#
IRQ2-DS
10
RES#
11
XTAL
P37
12
VSS
13
EXTAL
P36
14
VCC
15
PE2
POE10#
NMI
16
PE1
WR0#/WR#
MTIOC9D/MTIOC9D#/
TMO5
CTS5#/RTS5#/SS5#/
CTS12#/RTS12#/
SS12#/SSLA3
IRQ15
17
PE0
WR1#/BC1#/
WAIT#
MTIOC9B/MTIOC9B#/
TMCI1/TMCI5
RXD5/SMISO5/SSCL5/
SSLA2/CRX0
IRQ7
18
TRST#
PD7
MTIOC9A/MTIOC9A#/
GTIOC0A/GTIOC3A/
GTIOC0A#/GTIOC3A#/
TMRI1/TMRI5
TXD5/SMOSI5/SSDA5/
SSLA1/CTX0
IRQ8
19
TMS
PD6
MTIOC9C/MTIOC9C#/
GTIOC0B/GTIOC3B/
GTIOC0B#/GTIOC3B#/
TMO1
CTS1#/RTS1#/SS1#/
CTS11#/RTS11#/
SS11#/SSLA0
IRQ5
ADST0
20
TDI
PD5
GTIOC1A/GTETRGA/
GTIOC1A#/TMRI0/
TMRI6
RXD1/SMISO1/SSCL1/
RXD11/SMISO11/
SSCL11
IRQ6
21
TCK
PD4
GTIOC1B/GTETRGB/
GTIOC1B#/TMCI0/
TMCI6
SCK1/SCK11
IRQ2
22
TDO
PD3
GTIOC2A/GTETRGC/
GTIOC2A#/TMO0
TXD1/SMOSI1/SSDA1/
TXD11/SMOSI11/
SSDA11
23
TRCLK
PD2
A7
GTIOC2B/GTIOC0A/
GTIOC2B#/GTIOC0A#/
TMCI1/TMO4
SCK5/SCK8/MOSIA
24
TRDATA3
PD1
A6
GTIOC3A/GTIOC0B/
GTIOC3A#/GTIOC0B#/
TMO2
RXD8/SMISO8/SSCL8/
MISOA
25
TRDATA2
PD0
A5
GTIOC3B/GTIOC1A/
GTIOC3B#/GTIOC1A#/
TMO6
TXD8/SMOSI8/SSDA8/
RSPCKA
26
TRDATA1
PB7
A4
GTIOC1B/GTIOC1B#
SCK5/SCK11/SCK12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com