Electronic Components Datasheet Search
  English  ▼

X  

RX72T Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # RX72T
Description  Maximum operating frequency: 200 MHz Capable of 1160 CoreMark in operation at 200 MHz
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX72T Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button RX72T Datasheet HTML 9Page - Renesas Technology Corp RX72T Datasheet HTML 10Page - Renesas Technology Corp RX72T Datasheet HTML 11Page - Renesas Technology Corp RX72T Datasheet HTML 12Page - Renesas Technology Corp RX72T Datasheet HTML 13Page - Renesas Technology Corp RX72T Datasheet HTML 14Page - Renesas Technology Corp RX72T Datasheet HTML 15Page - Renesas Technology Corp RX72T Datasheet HTML 16Page - Renesas Technology Corp RX72T Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 176 page
background image
R01DS0331EJ0100 Rev.1.00
Page 13 of 176
Feb 08, 2019
RX72T Group
1. Overview
1.2
List of Products
Table 1.3 is a list of products, and Figure 1.1 shows how to read the product part no.
Table 1.3
List of Products (1/2)
Group
Part No.
Part No. (for
Orders)
Package
Code
Flash
Memory
Capacity
RAM
Capacit
y
Data
Flash
Memory
Capacity
PGA
pseudo-
differential
input
TSIP-Lite
USB
Operati
ng
temper
ature
Note
RX72T
R5F572TKCD
FB
R5F572TKCD
FB#30
PLQP0144KA-
B
1 Mbyte
128
Kbytes
32 Kbytes Available
Not
available
Available
-40 to
85°C
R5F572TKGD
FB
R5F572TKGD
FB#30
PLQP0144KA-
B
1 Mbyte
128
Kbytes
32 Kbytes Available
Available
Available
-40 to
85°C
R5F572TFCD
FB
R5F572TFCD
FB#30
PLQP0144KA-
B
512
Kbytes
128
Kbytes
32 Kbytes Available
Not
available
Available
-40 to
85°C
R5F572TFGD
FB
R5F572TFGD
FB#30
PLQP0144KA-
B
512
Kbytes
128
Kbytes
32 Kbytes Available
Available
Available
-40 to
85°C
R5F572TKAD
FP
R5F572TKAD
FP#30
PLQP0100KB-
B
1 Mbyte
128
Kbytes
32 Kbytes Available
Not
available
Not
available
-40 to
85°C
R5F572TKBD
FP
R5F572TKBD
FP#30
PLQP0100KB-
B
1 Mbyte
128
Kbytes
32 Kbytes Not
available
Not
available
Not
available
-40 to
85°C
R5F572TKCD
FP
R5F572TKCD
FP#30
PLQP0100KB-
B
1 Mbyte
128
Kbytes
32 Kbytes Available
Not
available
Available
-40 to
85°C
R5F572TKED
FP
R5F572TKED
FP#30
PLQP0100KB-
B
1 Mbyte
128
Kbytes
32 Kbytes Available
Available
Not
available
-40 to
85°C
R5F572TKFD
FP
R5F572TKFD
FP#30
PLQP0100KB-
B
1 Mbyte
128
Kbytes
32 Kbytes Not
available
Available
Not
available
-40 to
85°C
R5F572TKGD
FP
R5F572TKGD
FP#30
PLQP0100KB-
B
1 Mbyte
128
Kbytes
32 Kbytes Available
Available
Available
-40 to
85°C
R5F572TFADF
P
R5F572TFADF
P#30
PLQP0100KB-
B
512
Kbytes
128
Kbytes
32 Kbytes Available
Not
available
Not
available
-40 to
85°C
R5F572TFBD
FP
R5F572TFBD
FP#30
PLQP0100KB-
B
512
Kbytes
128
Kbytes
32 Kbytes Not
available
Not
available
Not
available
-40 to
85°C
R5F572TFCD
FP
R5F572TFCD
FP#30
PLQP0100KB-
B
512
Kbytes
128
Kbytes
32 Kbytes Available
Not
available
Available
-40 to
85°C
R5F572TFED
FP
R5F572TFED
FP#30
PLQP0100KB-
B
512
Kbytes
128
Kbytes
32 Kbytes Available
Available
Not
available
-40 to
85°C
R5F572TFFDF
P
R5F572TFFDF
P#30
PLQP0100KB-
B
512
Kbytes
128
Kbytes
32 Kbytes Not
available
Available
Not
available
-40 to
85°C
R5F572TFGD
FP
R5F572TFGD
FP#30
PLQP0100KB-
B
512
Kbytes
128
Kbytes
32 Kbytes Available
Available
Available
-40 to
85°C
R5F572TKCG
FB
R5F572TKCG
FB#30
PLQP0144KA-
B
1 Mbyte
128
Kbytes
32 Kbytes Available
Not
available
Available
-40 to
105°C
R5F572TKGG
FB
R5F572TKGG
FB#30
PLQP0144KA-
B
1 Mbyte
128
Kbytes
32 Kbytes Available
Available
Available
-40 to
105°C
R5F572TFCG
FB
R5F572TFCG
FB#30
PLQP0144KA-
B
512
Kbytes
128
Kbytes
32 Kbytes Available
Not
available
Available
-40 to
105°C
R5F572TFGG
FB
R5F572TFGG
FB#30
PLQP0144KA-
B
512
Kbytes
128
Kbytes
32 Kbytes Available
Available
Available
-40 to
105°C
R5F572TKAG
FP
R5F572TKAG
FP#30
PLQP0100KB-
B
1 Mbyte
128
Kbytes
32 Kbytes Available
Not
available
Not
available
-40 to
105°C
R5F572TKBG
FP
R5F572TKBG
FP#30
PLQP0100KB-
B
1 Mbyte
128
Kbytes
32 Kbytes Not
available
Not
available
Not
available
-40 to
105°C
R5F572TKCG
FP
R5F572TKCG
FP#30
PLQP0100KB-
B
1 Mbyte
128
Kbytes
32 Kbytes Available
Not
available
Available
-40 to
105°C
R5F572TKEG
FP
R5F572TKEG
FP#30
PLQP0100KB-
B
1 Mbyte
128
Kbytes
32 Kbytes Available
Available
Not
available
-40 to
105°C
R5F572TKFG
FP
R5F572TKFG
FP#30
PLQP0100KB-
B
1 Mbyte
128
Kbytes
32 Kbytes Not
available
Available
Not
available
-40 to
105°C
R5F572TKGG
FP
R5F572TKGG
FP#30
PLQP0100KB-
B
1 Mbyte
128
Kbytes
32 Kbytes Available
Available
Available
-40 to
105°C
R5F572TFAG
FP
R5F572TFAG
FP#30
PLQP0100KB-
B
512
Kbytes
128
Kbytes
32 Kbytes Available
Not
available
Not
available
-40 to
105°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com