Electronic Components Datasheet Search
  English  ▼

X  

RX72T Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # RX72T
Description  Maximum operating frequency: 200 MHz Capable of 1160 CoreMark in operation at 200 MHz
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX72T Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button RX72T Datasheet HTML 93Page - Renesas Technology Corp RX72T Datasheet HTML 94Page - Renesas Technology Corp RX72T Datasheet HTML 95Page - Renesas Technology Corp RX72T Datasheet HTML 96Page - Renesas Technology Corp RX72T Datasheet HTML 97Page - Renesas Technology Corp RX72T Datasheet HTML 98Page - Renesas Technology Corp RX72T Datasheet HTML 99Page - Renesas Technology Corp RX72T Datasheet HTML 100Page - Renesas Technology Corp RX72T Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 176 page
background image
R01DS0331EJ0100 Rev.1.00
Page 97 of 176
Feb 08, 2019
RX72T Group
4. I/O Registers
000C 2150h
GPTW1 General PWM Timer Compare Capture Register B
GTCCRB
32
32
4, 5 PCLKA
2, 3 ICLK
GPTW
000C 2154h
GPTW1 General PWM Timer Compare Capture Register C
GTCCRC
32
32
4, 5 PCLKA
2, 3 ICLK
GPTW
000C 2158h
GPTW1 General PWM Timer Compare Capture Register E
GTCCRE
32
32
4, 5 PCLKA
2, 3 ICLK
GPTW
000C 215Ch
GPTW1 General PWM Timer Compare Capture Register D
GTCCRD
32
32
4, 5 PCLKA
2, 3 ICLK
GPTW
000C 2160h
GPTW1 General PWM Timer Compare Capture Register F
GTCCRF
32
32
4, 5 PCLKA
2, 3 ICLK
GPTW
000C 2164h
GPTW1 General PWM Timer Period Setting Register
GTPR
32
32
4, 5 PCLKA
2, 3 ICLK
GPTW
000C 2168h
GPTW1 General PWM Timer Period Setting Buffer Register
GTPBR
32
32
4, 5 PCLKA
2, 3 ICLK
GPTW
000C 216Ch
GPTW1 General PWM Timer Period Setting Double-Buffer
Register
GTPDBR
32
32
4, 5 PCLKA
2, 3 ICLK
GPTW
000C 2170h
GPTW1 A/D Converter Start Request Timing Register A
GTADTRA
32
32
4, 5 PCLKA
2, 3 ICLK
GPTW
000C 2174h
GPTW1 A/D Converter Start Request Timing Buffer Register A
GTADTBRA
32
32
4, 5 PCLKA
2, 3 ICLK
GPTW
000C 2178h
GPTW1 A/D Converter Start Request Timing Double-Buffer
Register A
GTADTDBRA
32
32
4, 5 PCLKA
2, 3 ICLK
GPTW
000C 217Ch
GPTW1 A/D Converter Start Request Timing Register B
GTADTRB
32
32
4, 5 PCLKA
2, 3 ICLK
GPTW
000C 2180h
GPTW1 A/D Converter Start Request Timing Buffer Register B
GTADTBRB
32
32
4, 5 PCLKA
2, 3 ICLK
GPTW
000C 2184h
GPTW1 A/D Converter Start Request Timing Double-Buffer
Register B
GTADTDBRB
32
32
4, 5 PCLKA
2, 3 ICLK
GPTW
000C 2188h
GPTW1 General PWM Timer Dead Time Control Register
GTDTCR
32
32
4, 5 PCLKA
2, 3 ICLK
GPTW
000C 218Ch
GPTW1 General PWM Timer Dead Time Value Register U
GTDVU
32
32
4, 5 PCLKA
2, 3 ICLK
GPTW
000C 2190h
GPTW1 General PWM Timer Dead Time Value Register D
GTDVD
32
32
4, 5 PCLKA
2, 3 ICLK
GPTW
000C 2194h
GPTW1 General PWM Timer Dead Time Buffer Register U
GTDBU
32
32
4, 5 PCLKA
2, 3 ICLK
GPTW
000C 2198h
GPTW1 General PWM Timer Dead Time Buffer Register D
GTDBD
32
32
4, 5 PCLKA
2, 3 ICLK
GPTW
000C 219Ch
GPTW1 General PWM Timer Output Protection Function Status
Register
GTSOS
32
32
4, 5 PCLKA
2, 3 ICLK
GPTW
000C 21A0h
GPTW1 General PWM Timer Output Protection Function
Temporary Release Register
GTSOTR
32
32
4, 5 PCLKA
2, 3 ICLK
GPTW
000C 21A4h
GPTW1 General PWM Timer A/D Converter Start Request Signal
Monitoring Register
GTADSMR
32
32
4, 5 PCLKA
2, 3 ICLK
GPTW
000C 21A8h
GPTW1 General PWM Timer Extended Interrupt Skipping Counter
Control Register
GTEITC
32
32
4, 5 PCLKA
2, 3 ICLK
GPTW
000C 21ACh
GPTW1 General PWM Timer Extended Interrupt Skipping Setting
Register 1
GTEITLI1
32
32
4, 5 PCLKA
2, 3 ICLK
GPTW
000C 21B0h
GPTW1 General PWM Timer Extended Interrupt Skipping Setting
Register 2
GTEITLI2
32
32
4, 5 PCLKA
2, 3 ICLK
GPTW
000C 21B4h
GPTW1 General PWM Timer Extended Buffer Transfer Skipping
Setting Register
GTEITLB
32
32
4, 5 PCLKA
2, 3 ICLK
GPTW
000C 21D0h
GPTW1 General PWM Timer Operation Enable Bit Simultaneous
Control Channel Select Register
GTSECSR
32
32
4, 5 PCLKA
2, 3 ICLK
GPTW
000C 21D4h
GPTW1 General PWM Timer Operation Enable Bit Simultaneous
Control Register
GTSECR
32
32
4, 5 PCLKA
2, 3 ICLK
GPTW
000C 2200h
GPTW2 General PWM Timer Write-Protection Register
GTWP
32
32
4, 5 PCLKA
2, 3 ICLK
GPTW
000C 2204h
GPTW2 General PWM Timer Software Start Register
GTSTR
32
32
4, 5 PCLKA
2, 3 ICLK
GPTW
000C 2208h
GPTW2 General PWM Timer Software Stop Register
GTSTP
32
32
4, 5 PCLKA
2, 3 ICLK
GPTW
000C 220Ch
GPTW2 General PWM Timer Software Clear Register
GTCLR
32
32
4, 5 PCLKA
2, 3 ICLK
GPTW
000C 2210h
GPTW2 General PWM Timer Start Source Select Register
GTSSR
32
32
4, 5 PCLKA
2, 3 ICLK
GPTW
000C 2214h
GPTW2 General PWM Timer Stop Source Select Register
GTPSR
32
32
4, 5 PCLKA
2, 3 ICLK
GPTW
000C 2218h
GPTW2 General PWM Timer Clear Source Select Register
GTCSR
32
32
4, 5 PCLKA
2, 3 ICLK
GPTW
000C 221Ch
GPTW2 General PWM Timer Count-Up Source Select Register
GTUPSR
32
32
4, 5 PCLKA
2, 3 ICLK
GPTW
000C 2220h
GPTW2 General PWM Timer Count-Down Source Select Register GTDNSR
32
32
4, 5 PCLKA
2, 3 ICLK
GPTW
000C 2224h
GPTW2 General PWM Timer Input Capture Source Select
Register A
GTICASR
32
32
4, 5 PCLKA
2, 3 ICLK
GPTW
000C 2228h
GPTW2 General PWM Timer Input Capture Source Select
Register B
GTICBSR
32
32
4, 5 PCLKA
2, 3 ICLK
GPTW
000C 222Ch
GPTW2 General PWM Timer Control Register
GTCR
32
32
4, 5 PCLKA
2, 3 ICLK
GPTW
000C 2230h
GPTW2 General PWM Timer Count Direction and Duty Setting
Register
GTUDDTYC
32
32
4, 5 PCLKA
2, 3 ICLK
GPTW
Table 4.1
List of I/O Registers (Address Order) (42 / 54)
Address
Module
Symbol Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access Cycles
Related
Function
ICLK ≥ PCLK ICLK < PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com