Electronic Components Datasheet Search
  English  ▼

X  

2228 Datasheet(PDF) 1 Page - 3M Electronics

Part # 2228
Description  Scotch® Rubber Mastic Tape 2228
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

2228 Datasheet(HTML) 1 Page - 3M Electronics

  2228 Datasheet HTML 1Page - 3M Electronics 2228 Datasheet HTML 2Page - 3M Electronics 2228 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1 of 3
Scotch® Rubber Mastic Tape 2228
Product Description
Scotch® Rubber Mastic Tape 2228 is a conformable self–fusing rubber electrical
insulating and sealing tape. Scotch® Rubber Mastic Tape 2228 consists of an ethylene
propylene rubber (EPR) backing coated with an aggressive, temperature–stable mastic
adhesive. The tape is made 65 mils (1,65 mm) thick for quick application build–up. It is
designed for electrical insulating and moisture sealing applications. Scotch® Rubber
Mastic Tape 2228 is a UL recognized component for applications up to 130⁰C. It offers
excellent resistance to moisture and ultraviolet exposure and is intended for both
indoor and weather exposed outdoor applications.
Data Sheet
March 2020
Agency Approvals
& Self Certifications
UL recognized component listing not to exceed 130°C (266°F), Product Category
OANZ2, and 3M File No. E17385
For RoHS information, please visit www.3M.com/ROHS
Product Features
• Conformable for application over irregular surfaces.
• Compatible with solid dielectric cable insulations.
• Self–fusing tape.
• Flexible over wide temperature range.
• Excellent weather and moisture resistance.
• Excellent adhesion and sealing characteristics with copper, aluminum and power
cable jacket materials.
• Thick construction allows quick application build–up and padding over irregular
connections.
Applications
• Primary electrical insulation for cable and wire connections rated up to 1000 volts.
• Electrical insulation and vibration padding for motor leads rated up to 1000 volts.
• Primary electrical insulation for bus bar connections rated up to 35kV (3M drawing
2047B–106)
• Padding for irregular shaped bus bar bolted connections.
• Moisture seal for cable and wire connections.
• Moisture seal for service drops.
• Moisture seal for ground wire and rod connections
• Jacket seal on power cable applications


Similar Part No. - 2228

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
2228 SCHURTER-2228 Datasheet
214Kb / 1P
Power Cord with Contour Power (Mains) Plug 2-pole, Straight
logo
List of Unclassifed Man...
2228 ETC2-2228 Datasheet
355Kb / 1P
INTERCONNECT BATTERY HOLDERS
logo
Belden Inc.
2228 BELDEN-2228 Datasheet
387Kb / 3P
Fast Ethernet Cat5e Data Single-Ended Cordset: M12 Standard, male, straight, 4-pin, D-coded, shielded, black body, 50 V AC / 60 V DC, 4 A; PUR green cable, 4-wires, 2x2x0.34 mm²
logo
Sealevel Systems, Inc.
2228 SEALEVEL-2228 Datasheet
332Kb / 2P
Embedded USB to 2-Port RS-232, RS-422, RS-485 (Software Configurable) DB9 Serial Interface Adapter
logo
Keystone Electronics Co...
2228 KEYSTONE-2228 Datasheet
354Kb / 1P
INTERCONNECT BATTERY HOLDERS
31-07 20th
More results

Similar Description - 2228

ManufacturerPart #DatasheetDescription
logo
3M Electronics
130C 3M-130C Datasheet
115Kb / 3P
Linerless Rubber Splicing Tape 130C
Rev D
2200 3M-2200 Datasheet
460Kb / 2P
Vinyl Mastic Pads and Rolls
2242 3M-2242 Datasheet
25Kb / 2P
Linerless Electrical Rubber Tape
2155 3M-2155 Datasheet
46Kb / 2P
Temflex™ 2155 Rubber Splicing Tape
2229 3M-2229 Datasheet
28Kb / 2P
3M™ Scotch-Seal™ Mastic Tape
Rev B
PR40 3M-PR40 Datasheet
425Kb / 4P
3M Scotch-Weld??Plastic and Rubber Instant Adhesives
3000WT 3M-3000WT Datasheet
88Kb / 3P
Mastic coupe-feu 3M™ 3000WT Mastic Silicone intumescent
01-Jan-2008
EC-4419 3M-EC-4419 Datasheet
38Kb / 4P
3M Scotch-GripTM Fire Resistant Rubber Based Adhesive
2090 3M-2090 Datasheet
36Kb / 2P
Scotch-Blue™ Painter’s Tape for Multi-Surfaces
January 2010
logo
Schneider Electric
NSYS3X4320 SCHNEIDER-NSYS3X4320 Datasheet
63Kb / 2P
SPACIAL S3X stainless 304L, Scotch Brite® finish, H400xW300xD200 mm.
Mar 9, 2013
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com