Electronic Components Datasheet Search
  English  ▼

X  

2228 Datasheet(PDF) 2 Page - 3M Electronics

Part # 2228
Description  Scotch® Rubber Mastic Tape 2228
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

2228 Datasheet(HTML) 2 Page - 3M Electronics

  2228 Datasheet HTML 1Page - 3M Electronics 2228 Datasheet HTML 2Page - 3M Electronics 2228 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Scotch® Rubber Mastic Tape 2228
2 of 3
Installation
Scotch® Rubber Mastic Tape 2228 should be applied in half–lapped layers until
desired insulation build up is reached. Stretch the tape to 3/4 of its original width
during application for good conformability and to obtain a moisture tight seal.
Scotch® Rubber Mastic Tape 2228 should be overwrapped for mechanical
protection with two half–lapped layers of Scotch® Super 33+™ Vinyl Electrical Tape.
Typical Properties
Properties
Typical Value
Temperature Rating 6
266ºF (130ºC)
Color
Black
Thickness 1
65 mil (1,65mm)
Adhesion 5
Steel 15.0lb/in (26,2N/10mm)
PE 10.0lb/in (17,5N/10mm)
Fusion 4
Pass (Type I)
Tensile Strength 1
150psi (1,03N/mm2)
Elongation 1
1000%
Dielectric Breakdown 1 (Wet or Dry)
500V/mil (19,7kV/mm)
Dielectric Constant 1
3.5
Dissipation Factor 1
1.0%
Water Absorption 3
0.15%
Water Vapor Transmission Rate 2
0.1g/100in2/24hr
Ozone Resistance 2
Pass
Heat Resistance 4
Pass, 130ºC
UV Resistance 4
Pass
Note: These are typical values and should not be used for specification purposes.
* Foot notes: 1. ASTM-D-4325 Test method
2. ASTM-D-3833 Test method
3. ASTM-570 Test method
4. ASTM-D-4388 Test method
5. ASTM-D-1000 Test method
6. UL recognized component, Product Category OANZ2, and 3M File No. E17385
3M Water Seal
Test
Samples were constructed using Scotch® Rubber Mastic Tape 2228 as a seal
between PVC cable jackets and connecting ground wires (3M™ Cable Grounding Kit
2252). The specimens were thermal cycled in water baths at 25ºC and 90ºC. The
total test time of 336 hours revealed no significant change in insulation resistance.
The results meet requirements listed in UL 486D Standard for Insulated Wire
Connectors for Use
With Underground Connectors for insulation resistance (6.0 megohms, section 7.1)
and dielectric voltage withstand (2.2kV, 1 minute, section 8.1).



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com