Electronic Components Datasheet Search
  English  ▼

X  

2228 Datasheet(PDF) 3 Page - 3M Electronics

Part # 2228
Description  Scotch® Rubber Mastic Tape 2228
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

2228 Datasheet(HTML) 3 Page - 3M Electronics

  2228 Datasheet HTML 1Page - 3M Electronics 2228 Datasheet HTML 2Page - 3M Electronics 2228 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Scotch® Rubber Mastic Tape 2228
3 of 3
3M, Scotch and Super 33+ are trademarks of 3M Company.
Important Notice
All statements, technical information, and recommendations related to 3M’s products are based on
information believed to be reliable, but the accuracy or completeness is not guaranteed. Before
using this product, you must evaluate it and determine if it is suitable for your intended application.
You assume all risks and liability associated with such use. Any statements related to the product,
which are not contained in 3M’s current publications, or any contrary statements contained on your
purchase order, shall have no force or effect unless expressly agreed upon, in writing, by an
authorized officer of 3M.
Warranty; Limited
Remedy; Limited
Liability
This product will be free from defects in material and manufacture at the time of purchase. 3M
MAKES NO OTHER WARRANTIES INCLUDING, BUT NOT LIMITED TO, ANY IMPLIED
WARRANTY OF MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE. If this
product is defective within the warranty period stated above, your exclusive remedy shall be, at
3M’s option, to replace or repair the 3M product or refund the purchase price of the 3M
product. Except where prohibited by law, 3M will not be liable for any direct, indirect, special,
incidental or consequential loss or damage arising from this 3M product, regardless of the legal
theory asserted.
Specification
The tape shall be 65 mils (1,65 mm) thick. The tape must be ethylene propylene
rubber based and coated with a rubber mastic pressure-sensitive adhesive. The tape
shall be a UL recognized component for applications up to 130⁰C. The tape must be
applicable at temperatures of 0ºC to 38ºC without loss of physical properties. The
tape must be classified for use in both indoor and weather–exposed outdoor
environments. The tape must not split or crack when exposed to normal operating
temperatures and environments. The tape must be compatible with synthetic cable
and wire insulations. The tape shall not be corrosive to aluminum or copper
conductors.
Shelf-Life
Scotch® Rubber Mastic Tape 2228 has a five-year shelf life (from date of
manufacture) when stored in a humidity-controlled storage (10ºC/50ºF to 27ºC/80ºF
and < 75% relative humidity). Good stock rotation is recommended.
Availability
Scotch® Rubber Mastic Tape 2228 is available from your local 3M authorized
distributor.
Electrical Markets Division
Austin, TX
Phone: 800-245-3573
www.3M.com/electrical
Please Recycle. Printed in USA.
© 3M 2020. All Rights Reserved.
78-9237-0114-4 Rev C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com