Electronic Components Datasheet Search
  English  ▼

X  

AMMP-6220 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # AMMP-6220
Description  6-20 GHz Low Noise Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

AMMP-6220 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  AMMP-6220 Datasheet HTML 1Page - Agilent(Hewlett-Packard) AMMP-6220 Datasheet HTML 2Page - Agilent(Hewlett-Packard) AMMP-6220 Datasheet HTML 3Page - Agilent(Hewlett-Packard) AMMP-6220 Datasheet HTML 4Page - Agilent(Hewlett-Packard) AMMP-6220 Datasheet HTML 5Page - Agilent(Hewlett-Packard) AMMP-6220 Datasheet HTML 6Page - Agilent(Hewlett-Packard) AMMP-6220 Datasheet HTML 7Page - Agilent(Hewlett-Packard) AMMP-6220 Datasheet HTML 8Page - Agilent(Hewlett-Packard) AMMP-6220 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
AMMP-6220 Typical Scattering Parameters[1] (TA = 25
°C, Vd = 3 V, Zo = 50 W)
S11
S21
S12
S22
Freq GHz
DB
Mag
Phase
dB
Mag
Phase
dB
Mag
Phase
dB
Mag
Phase
2.0
-1.46
0.845
65.6
-28.9
0.036
-62.0
-60
0.001
70.9
-4.8
0.570
85.5
2.5
-1.03
0.888
-4.4
-10.6
0.292
-147.1
-51
0.003
12.1
-9.6
0.330
38.7
3.0
-0.40
0.955
-83.9
6.1
2.027
96.8
-46
0.005
-72.
-8.8
0.361
18.1
3.5
-4.65
0.585
-150.2
10.6
3.420
-71.3
-56
0.001
136.7
-6.3
0.483
-46.1
4.0
-1.67
0.825
153.6
6.2
2.051
-104.2
-61
0.001
143.5
-6.1
0.491
-118.9
4.5
-1.39
0.851
72.8
16.6
6.764
-178.3
-49
0.003
-86.3
-9.3
0.342
174.4
5.0
-2.80
0.724
18.7
19.6
9.563
93.3
-45
0.005
140.2
-10.8
0.286
125.8
5.5
-1.59
0.832
-65.0
22.8
13.836
9.3
-44
0.006
26.4
-15.5
0.166
79.4
6.0
-4.66
0.585
-144.6
23.5
15.077
-72.4
-50
0.003
-66.8
-16.9
0.141
64.2
6.5
-8.62
0.370
148.4
23.6
15.218
-145.1
-55
0.002
-116.2
-16.7
0.146
31.4
7.0
-11.96
0.252
93.4
23.6
15.198
150.4
-58
0.001
153.4
-17.5
0.132
-8.7
7.5
-14.57
0.187
48.4
23.3
14.717
90.5
-54
0.002
89.9
-19.5
0.106
-51.8
8.0
-15.90
0.160
12.5
23.2
14.575
33.6
-52
0.002
33.2
-22.7
0.073
-103.7
8.5
-16.48
0.150
-21.7
23.1
14.429
-20.9
-51
0.003
-16.5
-24.6
0.059
-172.2
9.0
-16.49
0.150
-58.8
23.1
14.408
-74.7
-47
0.004
-46.2
-23.7
0.065
119.7
9.5
-16.53
0.149
-100.8
23.2
14.455
-126.9
-47
0.004
-85.8
-21.9
0.080
70.3
10.0
-16.56
0.149
-147.1
23.2
14.462
-178.2
-46
0.005
-121.8
-21.0
0.089
31.0
10.5
-16.19
0.155
161.1
23.3
14.624
131.2
-45
0.006
-155.9
-21.3
0.086
-3.6
11.0
-15.63
0.165
108.2
23.4
14.926
80.4
-43
0.007
159.4
-22.6
0.074
-29.9
11.5
-14.36
0.191
54.8
23.6
15.226
29.4
-44
0.006
130.7
-23.8
0.064
-46.2
12.0
-13.22
0.218
3.0
23.8
15.497
-20.8
-42
0.008
88.0
-23.4
0.067
-59.0
12.5
-12.30
0.242
-50.7
23.7
15.483
-72.0
-41
0.008
49.2
-21.3
0.086
-90.7
13.0
-11.45
0.268
-102.0
23.7
15.450
-122.8
-41
0.008
14.5
-19.7
0.102
-130.4
13.5
-10.83
0.287
-154.6
23.6
15.143
-173.1
-40
0.010
-26.9
-17.8
0.127
179.7
14.0
-10.47
0.299
153.2
23.2
14.518
135.7
-40
0.009
-66.8
-16.0
0.157
128.3
14.5
-10.32
0.305
101.7
22.7
13.724
87.2
-39
0.010
-104.7
-14.4
0.189
79.9
15.0
-10.53
0.297
52.2
22.3
13.168
38.7
-40
0.009
-146.3
-13.5
0.211
34.8
15.5
-10.62
0.294
8.9
22.1
12.858
-8.5
-40
0.009
174.6
-13.2
0.218
-4.6
16.0
-10.79
0.289
-33.2
21.9
12.536
-56.2
-42
0.008
138.1
-13.6
0.208
-38.0
16.5
-10.97
0.283
-67.4
21.5
11.970
-102.6
-40
0.009
116.4
-12.7
0.231
-65.0
17.0
-11.25
0.274
-109.8
21.4
11.796
-151.3
-39
0.011
77.9
-12.1
0.247
-101.8
17.5
-11.47
0.267
-152.2
21.0
11.331
162.1
-38
0.012
38.0
-12.1
0.246
-140.0
18.0
-12.36
0.241
168.0
20.9
11.208
115.8
-38
0.012
-5.3
-13.1
0.220
179.3
18.5
-13.30
0.217
132.5
20.6
10.720
69.0
-38
0.012
-40.0
-14.2
0.194
139.1
19.0
-13.86
0.203
99.5
20.4
10.474
21.3
-38
0.012
-82.3
-15.4
0.170
94.9
19.5
-13.77
0.205
67.3
20.1
10.158
-25.9
-39
0.011
-118.5
-16.5
0.148
44.7
20.0
-12.94
0.225
32.0
19.8
9.847
-74.5
-38
0.012
-161.5
-16.8
0.144
-5.1
20.5
-11.42
0.268
-6.3
19.4
9.413
-121.1
-39
0.011
162.1
-16.8
0.143
-51.5
21.0
-9.73
0.326
-49.1
18.5
8.500
-169.0
-39
0.011
124.7
-16.5
0.148
-92.9
21.5
-8.00
0.398
-94.4
18.2
8.140
142.8
-40
0.010
79.8
-16.1
0.156
-132.8
22.0
-6.54
0.471
-140.6
17.7
7.703
93.3
-40
0.010
35.1
-16.5
0.149
-167.4
22.5
-5.44
0.534
173.4
16.9
7.055
45.0
-41
0.009
2.9
-17.3
0.136
159.4
23.0
-5.12
0.554
128.5
16.3
6.535
-3.1
-43
0.007
-41.2
-21.9
0.080
138.2
23.5
-4.72
0.581
86.1
15.3
5.881
-54.0
-45
0.005
-84.6
-18.0
0.126
178.1
24.0
-4.17
0.618
44.3
13.7
4.894
-102.8
-47
0.004
-136.3
-11.5
0.265
141.6
24.5
-3.40
0.675
0.9
12.6
4.288
-147.1
-49
0.003
-162.8
-9.0
0.355
100.9
25.0
-2.65
0.737
-44.6
11.6
3.822
168.3
-50
0.003
134.1
-7.7
0.409
61.8
Note: Data obtained from ICM fixture measurements fully de-embedded to package edge.
OUTPUT REFERENCE
PLANE FOR
S-PARAMETERS
(VIEW FROM
PACKAGE BOTTOM)
INPUT REFERENCE
PLANE FOR
S-PARAMETERS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com