Electronic Components Datasheet Search
  English  ▼

X  

AMMP-6220 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # AMMP-6220
Description  6-20 GHz Low Noise Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

AMMP-6220 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  AMMP-6220 Datasheet HTML 1Page - Agilent(Hewlett-Packard) AMMP-6220 Datasheet HTML 2Page - Agilent(Hewlett-Packard) AMMP-6220 Datasheet HTML 3Page - Agilent(Hewlett-Packard) AMMP-6220 Datasheet HTML 4Page - Agilent(Hewlett-Packard) AMMP-6220 Datasheet HTML 5Page - Agilent(Hewlett-Packard) AMMP-6220 Datasheet HTML 6Page - Agilent(Hewlett-Packard) AMMP-6220 Datasheet HTML 7Page - Agilent(Hewlett-Packard) AMMP-6220 Datasheet HTML 8Page - Agilent(Hewlett-Packard) AMMP-6220 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
AMMP-6220 Absolute Maximum Ratings [1]
Symbol
Parameters/Conditions
Units
Min.
Max.
Vd
Positive Drain Voltage
V
7
Id
Drain Current
mA
100
Pin
CW Input Power
dBm
15
Tch
Operating Channel Temp.
°C
+150
Tstg
Storage Case Temp.
°C
-65
+150
Tmax
Maximum Assembly Temp.
°C
+300
(60 sec max.)
Note:
1. Operation in excess of any one of these conditions may result in permanent damage to this device.
AMMP-6220 DC Specifications/Physical Properties [1]
Symbol Parameters and Test Conditions
Units
Min.
Typ.
Max.
Id
Drain Supply Current (under any
mA
55
70
RF power drive and temperature)
(Vd = 3.0 V)
qch-b
Thermal Resistance[2]
(Backside temperature, Tb = 25
°C) °C/W
27
Notes:
1. Ambient operational temperature TA = 25°C unless otherwise noted.
2. Channel-to-backside Thermal Resistance (Tchannel (Tc) = 34°C) as measured using infrared
microscopy. Thermal Resistance at backside temperature (Tb) = 25°C calculated from measured
data.
AMMP-6220 RF Specifications [3, 4, 6]
TA= 25
°C, Vd = 3.0 V, Id(Q) = 55 mA, Zo = 50 W
Symbol
Parameters and Test Conditions
Units
Typical
Sigma
Gain
Small-signal Gain[5]
dB
22
0.5
NF
Noise Figure into 50 W[5]
dB
2.5
0.2
P-1dB
Output Power at 1dB Gain Compression
dBm
+10
0.8
OIP3
Third Order Intercept Point;
dBm
+20
1.1
∆f = 100 MHz; Pin = -20 dBm
RLin
Input Return Loss
dB
-12
0.3
RLout
Output Return Loss
dB
-16
0.7
Isol
Reverse Isolation
dB
-45
0.5
Notes:
3. Small/Large -signal data measured in a fully de-embedded test fixture form TA = 25
°C.
4. Pre-assembly into package performance verified 100% on-wafer per AMMC-6220 published specifications.
5. This final package part performance is verified by a functional test correlated to actual performance at one or more frequencies.
6. Specifications are derived from measurements in a 50 W test environment. Aspects of the amplifier performance may be improved over a more
narrow bandwidth by application of additional conjugate, linearity, or low noise (Gopt) matching.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com