Electronic Components Datasheet Search
  English  ▼

X  

08374 Datasheet(PDF) 4 Page - 3M Electronics

Part # 08374
Description  3M™ Ultrapro™ MSP Sprayable Seam Sealer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

08374 Datasheet(HTML) 4 Page - 3M Electronics

  08374 Datasheet HTML 1Page - 3M Electronics 08374 Datasheet HTML 2Page - 3M Electronics 08374 Datasheet HTML 3Page - 3M Electronics 08374 Datasheet HTML 4Page - 3M Electronics 08374 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Nozzle Cleaning
Immediately after use, clean both the inner and outer nozzles.
In preparation for spraying 3M™ Ultrapro™ MSP Sprayable Seam Sealer, always check both
nozzles to ensure that cured sealant is not blocking the nozzle orifice or within the nozzle tip.
Remove cured sealant blockage using a heavy-gauge wire, such as a clothes hanger.
Some indications that the nozzles are blocked (and the remedies for them) are:
1.
Symptom: The sealant will not spray or caulk.
Solution:
a.
Wear eye protection
b.
Disconnect air supply
c.
Turn both the red and blue knobs to 1
d.
Point tip in a safe direction
e.
Squeeze trigger 2 or more times
f.
Insert stiff wire 2 inches into tip to unclog
g.
Turn both red and blue knobs back to 0 before reconnecting air
2.
Symptom: The sealant sprays or caulks erratically.
Solution:
Remove both nozzles and check for cured sealant along the inside walls of the nozzle.
Remove the cured sealant using a heavy-gauge wire.
Paint Window
3M™ Ultrapro™ MSP Sprayable Seam Sealer provides excellent paint adhesion immediately
and for up to 24 hours after application. Scuffing the sealer with a Scotch-Brite™ Scuff Pad is
not necessary or recommended, especially for sprayed seams and coatings. 3M™ Ultrapro™
MSP Sprayable Seam Sealer may be painted immediately after applications for thicknesses up to
¼”. Most competitive products must be painted within the first few hours after application to
provide adequate paint adhesion.
* If 'Directions for Use' reference P.N.'s 08984, 08986, or 08987, please read. Federal and local air quality regulations may regulate
or prohibit the use of surface preparation and cleanup solvents based on VOC content. Consult your local and Federal air quality
regulations for information. When using solvents, use in a well ventilated area. Extinguish all sources of ignition in the work area
and observe precautionary measures for handling these materials. Refer to product label and MSDS for P.N. 8984, 8986, or 8987
for detailed precautionary information.
Applications
Bead can be used for general purpose automotive seams, including door skins, rocker panels, rear
1.
body panels, trunk seams, floor pans, etc.
Sprayed seam can be used for trunk seams, quarter panels, any other OEM sprayed seam
2.
replacement.
Sprayed coating can be used inside door skins, inside body panels, or any area where a sound
3.
deadening coating is needed.
Storage and Handling
4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com