Electronic Components Datasheet Search
  English  ▼

X  

08374 Datasheet(PDF) 1 Page - 3M Electronics

Part # 08374
Description  3M™ Ultrapro™ MSP Sprayable Seam Sealer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

08374 Datasheet(HTML) 1 Page - 3M Electronics

  08374 Datasheet HTML 1Page - 3M Electronics 08374 Datasheet HTML 2Page - 3M Electronics 08374 Datasheet HTML 3Page - 3M Electronics 08374 Datasheet HTML 4Page - 3M Electronics 08374 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Document Library
TS Data Sheet 08374
Public
Rev:1
Status: Active
Effective: 02/24/2004
3M™ Ultrapro™ MSP Sprayable Seam Sealer
Data Sheet
3M Part No.(s)
3M Part Descriptor(s)
08374
3M™ Ultrapro™ MSP Sprayable Seam Sealer
3M Fax on Demand Identification Number: 08374
Description
3M™ Ultrapro™ MSP Sprayable Seam Sealer is a high-solids, moisture-curing seam sealer that can be
caulked or sprayed as a sealer or a sound deadening coating. The sealer provides a fast method of
sealing trunk and floor pan seams, quarter panel seams, and any other seam where a sprayed or coated
appearance is necessary.
Features, Advantages, Benefits
Features
Able to produce a bead, sprayed seam, or sprayed coating appearance
Excellent adhesion to primed metal and aluminum
Fast curing and immediately paintable
Very low solvent percentage
Excellent shelf life
No problems with alcohol-containing solvents
Advantages
Multiple appearances can be achieved with one gun and sealer combination
Minimal opportunity for bond failure
No need to wait to move the car into the paint area
Minimal airborne solvent during curing process
Product stays usable for longer than standard seam sealers
Product will cure even if contacted with alcohol-containing solvents
Benefits
Saves cost and space of carrying multiple unnecessary products
Fewer comebacks for seam sealer failure
Save and make money by eliminating time waiting to paint seam sealer
Minimal solvent odor or health issues
Less product waste because past its shelf life
No re-work because solvents inhibited seam sealer cure
Typical Physical Properties
Container
1/10 gallon caulking cartridge
Base
Modified Silane Polymer
Density lbs/Gallon (Appx.)
13 lb/gal
Color
Gray
Flash Point - °F
144°F
Viscosity (CPS) Brookfield
Viscometer
500,000 CPS
RVF #4 @ 20 RPM
1


Similar Part No. - 08374

ManufacturerPart #DatasheetDescription
logo
3M Electronics
08370 3M-08370 Datasheet
98Kb / 4P
MSP SeamSealer
Dec-2015
logo
Vicor Corporation
08376 VICOR-08376 Datasheet
68Kb / 1P
CAPACITOR, 27Ouf -20% 200V
08376-02 VICOR-08376-02 Datasheet
68Kb / 1P
CAPACITOR, 27Ouf -20% 200V
08377 VICOR-08377 Datasheet
64Kb / 1P
CAPACITOR, 270Ouf -20% 400V
08377-1 VICOR-08377-1 Datasheet
64Kb / 1P
CAPACITOR, 270Ouf -20% 400V
More results

Similar Description - 08374

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP-EXP432E401Y TI-MSP-EXP432E401Y Datasheet
1Mb / 33P
SimpleLink™ Ethernet MSP432E401Y Microcontroller LaunchPad™ Development Kit (MSP-EXP432E401Y)
2017
logo
3M Electronics
291X 3M-291X Datasheet
151Kb / 2P
3M™ Polishing Films
January 2022
RP040GF 3M-RP040GF Datasheet
59Kb / 7P
3M™ VHB™ Tape RP040GF
May, 2022
RP060GF 3M-RP060GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP060GF
May, 2022
RP080GF 3M-RP080GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP080GF
May, 2022
RP160GF 3M-RP160GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP160GF
May, 2022
RP230GF 3M-RP230GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP230GF
May, 2022
20433 3M-20433 Datasheet
78Kb / 3P
3M™ Hookit™ Sheet Pad
EPX 3M-EPX Datasheet
942Kb / 2P
3M™ EPX™ Applicators and Nozzles
logo
Texas Instruments
MSP-EXP432P401R TI-MSP-EXP432P401R Datasheet
7Mb / 39P
MSP‑EXP432P401R LaunchPad™ Evaluation Kit
March 2015
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com