Electronic Components Datasheet Search
  English  ▼

X  

93015LE Datasheet(PDF) 4 Page - 3M Electronics

Part # 93015LE
Description  3M™ High Strength Double Coated Tape 93015LE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

93015LE Datasheet(HTML) 4 Page - 3M Electronics

  93015LE Datasheet HTML 1Page - 3M Electronics 93015LE Datasheet HTML 2Page - 3M Electronics 93015LE Datasheet HTML 3Page - 3M Electronics 93015LE Datasheet HTML 4Page - 3M Electronics 93015LE Datasheet HTML 5Page - 3M Electronics 93015LE Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
3M™ High Strength Double Coated Tape 93015LE
Available Sizes (continued)
Maximum Length
Width
164 m
180 yd
1/2 in to 63/64 in
329 m
360 yd
1 in to 3 in
329 m
360 yd
3 in to 48 in
329 m
360 yd
48 in to 54 in
Property: Maximum Length
Electrical and Thermal Properties
Breakdown Voltage: 6900 V
Environmental Resistance
Humidity Resistance: High humidity has minimal e ect on adhesive performance. No signi cant reduction in bond strength is observed after exposure for 7 days at
90°F (32°C) and 90% relative humidity.
UV Resistance: When properly applied, nameplates and decorative trim parts are not adversely a ected by exposure.
Water Resistance: Immersion in water has no appreciable e ect on the bond strength. After 100 hours at room temperature, the high bond strength is maintained.
Temperature Cycling Resistance: High bond strength is maintained after cycling four times through:
4 hours at 158°F (70°C)
4 hours at -20°F (-29°C)
4 hours at 73°F (22°C)
Chemical Resistance: When properly applied, nameplate and decorative trim parts will hold securely after exposure to numerous chemicals including oil, mild acids,
and alkalis.
Handling/Application Information
Application Ideas
• Foam to powder coated painted surfaces.
• Low surface energy plastic adhesion.
Application Techniques
Bond strength is dependent upon the amount of adhesive-to-surface contact developed. Firm application pressure helps develop better adhesive contact and improve
bond strength. To obtain optimum adhesion, the bonding surfaces must be clean, dry and well uni ed. Some typical surface cleaning solvents are isopropyl alcohol or
heptane.*
*Note: Carefully read and follow the manufacturer’s precautions and directions for use when using solvents. Ideal tape application temperature range is 70°F to 100°F
(21°C to 38°C). Initial tape application to surfaces at temperatures below 50°F (10°C) is not recommended because the adhesive becomes too rm to adhere readily.
However, once properly applied, low temperature holding is generally satisfactory.
Storage and Shelf Life
Store in original cartons at 70°F (21°C) and 50% relative humidity.
If stored under proper conditions, these products retain their performance and
properties for 24 months from date of manufacture.
Trademarks
3M is a trademark of 3M Company.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com