Electronic Components Datasheet Search
  English  ▼

X  

93015LE Datasheet(PDF) 2 Page - 3M Electronics

Part # 93015LE
Description  3M™ High Strength Double Coated Tape 93015LE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

93015LE Datasheet(HTML) 2 Page - 3M Electronics

  93015LE Datasheet HTML 1Page - 3M Electronics 93015LE Datasheet HTML 2Page - 3M Electronics 93015LE Datasheet HTML 3Page - 3M Electronics 93015LE Datasheet HTML 4Page - 3M Electronics 93015LE Datasheet HTML 5Page - 3M Electronics 93015LE Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3M™ High Strength Double Coated Tape 93015LE
Technical Information Note
The following technical information and data should be considered representative or typical only and should not be used for speci cation purposes.
Typical Physical Properties
Property
Values
Attribute Modi er
Notes
Total Tape Thickness
without liner
0.15 mm
5.9 mil
Carrier Thickness
0.012 mm
0.5 mil
Adhesive Type
300LSE
Faceside
Faceside adhesive is on the interior of the roll,
exposed when unwound and liner removed.
Adhesive Type
300LSE
Backside
Backside adhesive is on the exterior of the roll,
exposed when liner is removed.
Adhesive Carrier
Clear Polyester
Liner
58# Polycoated Kraft
Liner Color
Tan
Primary
Liner Thickness
0.11 mm
4.2 mil
The thickness listed is based on a calculation
from manufacturing controlled adhesive coat
weights using a density of 1.012 g/cc. While past
data pages have listed nominal thicknesses, the
coat weight (and theoretical caliper) has not
changed.
Adhesive Thickness
Attribute Modi er
Notes
0.069 mm
Backside
The caliper listed is based on a calculation from
manufacturing controlled adhesive coat
weight. While past data pages have listed
nominal thicknesses of 1 and 2 mils, the coat
weight (and theoretical caliper) has not
changed.
2.7 mil
Backside
Backside adhesive is on the exterior of the roll,
exposed when liner is removed.
0.069 mm
2.7 mil
Faceside
Faceside adhesive is on the interior of the roll,
exposed when unwound and liner removed.
Property: Adhesive Thickness



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com