Electronic Components Datasheet Search
  English  ▼

X  

93015LE Datasheet(PDF) 3 Page - 3M Electronics

Part # 93015LE
Description  3M™ High Strength Double Coated Tape 93015LE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

93015LE Datasheet(HTML) 3 Page - 3M Electronics

  93015LE Datasheet HTML 1Page - 3M Electronics 93015LE Datasheet HTML 2Page - 3M Electronics 93015LE Datasheet HTML 3Page - 3M Electronics 93015LE Datasheet HTML 4Page - 3M Electronics 93015LE Datasheet HTML 5Page - 3M Electronics 93015LE Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3M™ High Strength Double Coated Tape 93015LE
Typical Performance Characteristics
Relative High Temperature Operating Ranges
Test Condition
149 °C
300 °F
Short Term (minutes, hours)
121 °C
250 °F
Long Term (days, weeks)
Property: Relative High Temperature Operating Ranges
180° Peel Adhesion
Dwell/Cure Time
Dwell Time Units
Substrate
10.9 N/cm
100 oz/in
15
min
Stainless Steel
14.2 N/cm
130 oz/in
15
min
Polycarbonate (PC)
9.3 N/cm
85 oz/in
15
min
ABS
11.5 N/cm
105 oz/in
15
min
Polypropylene (PP)
13.7 N/cm
125 oz/in
72
hr
Stainless Steel
18.1 N/cm
165 oz/in
72
hr
Polycarbonate (PC)
13.7 N/cm
125 oz/in
72
hr
ABS
14.8 N/cm
135 oz/in
72
hr
Polypropylene (PP)
Property: 180° Peel Adhesion
Method: ASTM D3330
Temp C: 22C
Temp F: 72F
Environmental Condition: 52%RH
Backing: Aluminum Foil
notes: 12 in/min (300 mm/min)
Property
Values
Method
Test Condition
Notes
Static Shear
>10,000 min
ASTM D3654
1000 g @ Room
Temperature
1 in² sample size
Static Shear
>10,000 min
ASTM D3654
500 g @ 70°C (158°F)
1 in² sample size
Available Sizes
Property
Values
Attribute Modi er
Note
Subject to Minimum Order
Requirements
Normal Slitting Tolerance
± 0.8 mm
± 1/32 in
Core Size
76.2 mm
3 in
ID



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com