Electronic Components Datasheet Search
  English  ▼

X  

TS230 Datasheet(PDF) 4 Page - 3M Electronics

Part # TS230
Description  Scotch-WeldTM Polyurethane Reactive Adhesives
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

TS230 Datasheet(HTML) 4 Page - 3M Electronics

  TS230 Datasheet HTML 1Page - 3M Electronics TS230 Datasheet HTML 2Page - 3M Electronics TS230 Datasheet HTML 3Page - 3M Electronics TS230 Datasheet HTML 4Page - 3M Electronics TS230 Datasheet HTML 5Page - 3M Electronics TS230 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Scotch-Weld
TM
Polyurethane Reactive Adhesives
TE031 • TE040 • TS115 HGS • TS230
- 4 -
Typical Performance
Characteristics
(continued)
Note: The following technical information and data should be considered
representative or typical only and should not be used for specification
purposes.
B.
180° Peel Strength (piw)
180° peel strengths were measured on 1" x 8" pieces of flexible cotton duck
(canvas) bonded to rigid 1" x 4" substrates. The rigid substrates were
approximately .125" thick and the separation rate of the testing jaws was 2"
per minute. All strengths were measured at 73°F (23°C).
3M™ Scotch-Weld™ Polyurethane Reactive Adhesive
Substrate
TE031
TE040
TS115 HGS
TS230
FRP
961
66
951
901
Polycarbonate
951
60
871
951
Polyacrylic
771
67
54
54
ABS
841
65
62
55
PVC
1001
901
921
761
Aluminum
32
52
72
51
Glass
3
54
81
62
1Cotton duck failed during test
2Note: 3M™ Scotch-Weld™ Polyurethane Reactive Adhesive TE031 is not
suggested for use on uncoated aluminum.
C.
Plasticized Vinyl, T-Peel (piw), tested @ 73°F (23°C)
T-Peel strengths were measure on 1" wide pieces of plasticized vinyl at
73°F (23°C). The separation rate of the testing jaws was 2" per minute.
3M™ Scotch-Weld™ Polyurethane Reactive Adhesive
Condition
TE031
TE040
TS115 HGS
TS230
Initial
161
221
211
161
Aged @ 160°F
(71°C) for 2
weeks
221
351
251
221
1Substrate failure



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com