Electronic Components Datasheet Search
  English  ▼

X  

TS230 Datasheet(PDF) 2 Page - 3M Electronics

Part # TS230
Description  Scotch-WeldTM Polyurethane Reactive Adhesives
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

TS230 Datasheet(HTML) 2 Page - 3M Electronics

  TS230 Datasheet HTML 1Page - 3M Electronics TS230 Datasheet HTML 2Page - 3M Electronics TS230 Datasheet HTML 3Page - 3M Electronics TS230 Datasheet HTML 4Page - 3M Electronics TS230 Datasheet HTML 5Page - 3M Electronics TS230 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Scotch-Weld
TM
Polyurethane Reactive Adhesives
TE031 • TE040 • TS115 HGS • TS230
- 2 -
Typical Cured
Properties
Note: The following technical information and data should be considered
representative or typical only and should not be used for specification
purposes.
3M™ Scotch-Weld™ Polyurethane Reactive
Adhesive
Property
TE031
TE040
TS115 HGS
TS230
Shore D Hardness1
50
35
47
45
Modulus2
5,600 psi
2,850 psi
3,300 psi
5,400 psi
Tensile Strength @ Break2
3,900 psi
2,750 psi
3,200 psi
3,300 psi
Elongation @ Break2
725%
860%
600%
700%
1Measured on .090" - .110" thick bars
2ASTM D 638, Die C, measured on .011" - .017" thick films cured 7 days at 77°F
(25°C)/50% relative humidity (RH)
Handling/Curing
Information
Directions for Use
Apply to clean, dry surfaces. Remove oil, grease and other contaminants by wiping
with isopropyl alcohol.*For fiber reinforced plastics and other materials that are
often contaminated with mold release agents, it is recommended that the surface
be solvent wiped, abraded and solvent-wiped.* For additional information, see
section on surface preparation. After heating to recommended application
temperature, apply adequate amount of 3M™ Scotch-Weld™ Polyurethane
Reactive Adhesive to one of the substrates to be bonded. Join the substrates within
the adhesives specified open time and hold/fixture the bonded part until the
adhesive has adequately set. Do not use to bond metal or glass to itself or each
other or cure will not occur due to low moisture vapor transmission of the
substrate.
(Important: Adhesive heated at application temperature for more than 16 hours
should be discarded.)
*Note: When using solvents, extinguish all ignition sources, including pilot lights,
and follow the manufacturer’s precautions and directions for use.
Dispensing Equipment
3M™ Scotch-Weld™ Polyurethane Reactive Adhesive Cartridges can only be
dispensed through the 3M™ Scotch-Weld™ Polyurethane Reactive Adhesive
Applicator. Other container sizes can be dispensed through bulk equipment
specifically designed for use with hot melt polyurethane reactive adhesives
(P.U.R.). For more information on P.U.R. application equipment, contact your local
3M sales representative. All equipment must be used in strict accordance with the
recommendations of the manufacturer.
WARNING: Do not use Scotch-Weld polyurethane reactive adhesive above
275°F (135°C). Scotch-Weld polyurethane reactive adhesive should not be
applied to substrates that exceed 275°F (135°C).
Caution: Wear heat resistant gloves and safety glasses when handling. Container
sizes available: 10 fl. oz. cartridge, 2 kilogram foil bag, 1 gallon can, five
gallon pail, 55 gallon drum.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com