Electronic Components Datasheet Search
  English  ▼

X  

TS230 Datasheet(PDF) 3 Page - 3M Electronics

Part # TS230
Description  Scotch-WeldTM Polyurethane Reactive Adhesives
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

TS230 Datasheet(HTML) 3 Page - 3M Electronics

  TS230 Datasheet HTML 1Page - 3M Electronics TS230 Datasheet HTML 2Page - 3M Electronics TS230 Datasheet HTML 3Page - 3M Electronics TS230 Datasheet HTML 4Page - 3M Electronics TS230 Datasheet HTML 5Page - 3M Electronics TS230 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Scotch-Weld
TM
Polyurethane Reactive Adhesives
TE031 • TE040 • TS115 HGS • TS230
- 3 -
Handling/Curing
Information (continued)
Cleanup: Allow product to solidify. Remove uncured waxy material (usually within
the first 20 minutes after application) by scraping with a putty knife or similar tool.
For cured material, remove by cutting or sanding. Do not use heat or flame to
remove adhesive.
Cure Time: The cure rate will vary depending on air temperature, relative humidity,
substrate type and bond line thickness. Cure rate is more rapid on wood (moisture-
rich substrate) than on plastic.
Typical Performance
Characteristics
Note: The following technical information and data should be considered
representative or typical only and should not be used for specification
purposes.
A.
Overlap Shear Strength
Overlap shear (OLS) strengths were measured on 1" wide 1/2" overlap
specimens. These bonds were made individually using 1" x 4" sample coupons.
The thickness of the bond line was .003-.006". The thickness of the substrates
were: plastics, .125", Maple, .375".
The separation rate of the testing jaws was 2" per minute.
Overlap Shear Strength (psi), tested @ 73°F (23°C)
3M™ Scotch-Weld™ Polyurethane Reactive Adhesive
Substrate
TE031
TE040
TS115 HGS
TS230
Maple
1,372
1,334
1,722
1,210
FRP
1,199
1,205
1,1101
1,2411
Polycarbonate
1,374
1,331
1,373
1,822
Polyacrylic
1,2191
9531
1,0161
1,1101
ABS
1,2131
1,0941
1178
1,2721
PVC
1,795
1,3541
1,5831
1,7791
1Substrate failure
Overlap Shear Strength (psi), tested @ 180°F (82°C)
3M™ Scotch-Weld™ Polyurethane Reactive Adhesive
Substrate
TE031
TE040
TS115 HGS
TS230
Maple
499
382
109
340
FRP
421
377
53
368



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com