Electronic Components Datasheet Search
  English  ▼

X  

9085 Datasheet(PDF) 7 Page - 3M Electronics

Part # 9085
Description  3M™ Ultra High Temperature 100 HT Adhesive Transfer Tape 9085
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

9085 Datasheet(HTML) 7 Page - 3M Electronics

  9085 Datasheet HTML 1Page - 3M Electronics 9085 Datasheet HTML 2Page - 3M Electronics 9085 Datasheet HTML 3Page - 3M Electronics 9085 Datasheet HTML 4Page - 3M Electronics 9085 Datasheet HTML 5Page - 3M Electronics 9085 Datasheet HTML 6Page - 3M Electronics 9085 Datasheet HTML 7Page - 3M Electronics 9085 Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
3M™ Ultra High Temperature 100 HT Adhesive Transfer Tape 9085
Family Group
ISO Statement
9082
9085
9085UV
Relative High
Temperature Operating
Ranges (°C)
Test Condition: Short
Term (minutes, hours)
280
280
280
Liner Color
Attribute Modi er:
Primary
White, with green “3M” print
White, with green “3M” print
Brown
Relative High
Temperature Operating
Ranges (°C)
Test Condition: Long
Term (days, weeks)
177
177
177
Color
Clear
Clear
Clear
Adhesive Type
Acrylic Adhesive System
Acrylic Adhesive System
Acrylic Adhesive System
Adhesive Thickness (mm)
0.05
0.13
0.13
Liner
55# Densi ed Kraft
55# Densi ed Kraft
58# Polycoated Kraft
Liner Thickness (mm)
0.08
0.08
0.1
This Industrial Adhesives and Tapes Division product was manufactured under a 3M quality system registered to ISO 9001 standards.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com