Electronic Components Datasheet Search
  English  ▼

X  

9085 Datasheet(PDF) 2 Page - 3M Electronics

Part # 9085
Description  3M™ Ultra High Temperature 100 HT Adhesive Transfer Tape 9085
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

9085 Datasheet(HTML) 2 Page - 3M Electronics

  9085 Datasheet HTML 1Page - 3M Electronics 9085 Datasheet HTML 2Page - 3M Electronics 9085 Datasheet HTML 3Page - 3M Electronics 9085 Datasheet HTML 4Page - 3M Electronics 9085 Datasheet HTML 5Page - 3M Electronics 9085 Datasheet HTML 6Page - 3M Electronics 9085 Datasheet HTML 7Page - 3M Electronics 9085 Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
3M™ Ultra High Temperature 100 HT Adhesive Transfer Tape 9085
Technical Information Note
The following technical information and data should be considered representative or typical only and should not be used for speci cation purposes.
Typical Physical Properties
Property
Values
Attribute Modi er
Color
Clear
Adhesive Type
Acrylic Adhesive System
Adhesive Thickness
0.13 mm
5 mil
Density
0.98 g/cm³
0.04 lb/in³
Liner
55# Densi ed Kraft
Liner Color
White, with green “3M” print
Primary
Liner Thickness
0.08 mm
3.2 mil
Typical Performance Characteristics
180° Peel Adhesion
Temp C
Temp F
Dwell/Cure Time
10.5 N/cm
96 oz/in
23C
73F
8.8 N/cm
80 oz/in
107C
225F
7 N/cm
64 oz/in
149C
300F
5.3 N/cm
177C
350F
48 oz/in
177C
350F
Initial
1.8 N/cm
16 oz/in
230C
450F
Initial
Property: 180° Peel Adhesion
Method: ASTM D3330
Backing: 2 mil Aluminum Foil
notes: Both tapes made from the same adhesive system and are thermoplastic in nature, becoming softer as temperature increases and rmer as temperature
decreases. As the adhesive becomes rmer, the adhesion performance generally increases. At low temperatures (lower than -40°F [-40°C]), the tapes become
very rm and glassy; the ability to absorb impact energy is reduced. In contrast, adhesion strength reduces with increasing temperatures. Typical adhesive
strength properties at di erent temperatures are shown below. (Note: Samples were conditioned at the desired temperature for two minutes before testing at that
temperature.)
Table continued on next page
Normal Tensile
Test Condition
345 kPa
50 lb/in²
Room Temperature
70 kPa
10 lb/in²
@ 225°F(107°C)
70 kPa
10 lb/in²
@ 300°F(149°C)
70 kPa
10 lb/in²
@ 350°F(177°C)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com