Electronic Components Datasheet Search
  English  ▼

X  

9085 Datasheet(PDF) 3 Page - 3M Electronics

Part # 9085
Description  3M™ Ultra High Temperature 100 HT Adhesive Transfer Tape 9085
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

9085 Datasheet(HTML) 3 Page - 3M Electronics

  9085 Datasheet HTML 1Page - 3M Electronics 9085 Datasheet HTML 2Page - 3M Electronics 9085 Datasheet HTML 3Page - 3M Electronics 9085 Datasheet HTML 4Page - 3M Electronics 9085 Datasheet HTML 5Page - 3M Electronics 9085 Datasheet HTML 6Page - 3M Electronics 9085 Datasheet HTML 7Page - 3M Electronics 9085 Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3M™ Ultra High Temperature 100 HT Adhesive Transfer Tape 9085
Typical Performance Characteristics (continued)
Normal Tensile
Test Condition
35 kPa
5 lb/in²
@ 450°F(230°C)
Property: Normal Tensile
Method: ASTM D897
Attribute Modi er: T-Block
Substrate: Aluminum
notes: Both tapes made from the same adhesive system and are thermoplastic in nature, becoming softer as temperature increases and rmer as temperature
decreases. As the adhesive becomes rmer, the adhesion performance generally increases. At low temperatures (lower than -40°F [-40°C]), the tapes become
very rm and glassy; the ability to absorb impact energy is reduced. In contrast, adhesion strength reduces with increasing temperatures. Typical adhesive
strength properties at di erent temperatures are shown below. (Note: Samples were conditioned at the desired temperature for two minutes before testing at that
temperature.)
Relative High Temperature Operating Ranges
Test Condition
280 °C
540 °F
Short Term (minutes, hours)
177 °C
350 °F
Long Term (days, weeks)
Property: Relative High Temperature Operating Ranges
Static Shear
Test Condition
1000 g
Hold weight listed @ Room Temperature for 10,000 min
1000 g
Hold weight listed @ 93°C (200°F) for 10,000 min
1000 g
Hold weight listed @ 121°C (250°F) for 10,000 min
1000 g
Hold weight listed @ 150°C (300°F) for 10,000 min
1000 g
Hold weight listed @ 175°C (350°F) for 10,000 min
Property: Static Shear
Method: ASTM D3654
Substrate: Aluminum
notes: Both tapes made from the same adhesive system and are thermoplastic in nature, becoming softer as temperature increases and rmer as temperature
decreases. As the adhesive becomes rmer, the adhesion performance generally increases. At low temperatures (lower than -40°F [-40°C]), the tapes become
very rm and glassy; the ability to absorb impact energy is reduced. In contrast, adhesion strength reduces with increasing temperatures. Typical adhesive
strength properties at di erent temperatures are shown below. (Note: Samples were conditioned at the desired temperature for two minutes before testing at that
temperature.)
Overlap Shear Strength
Test Condition
550 kPa
80 lb/in²
Room Temperature
210 kPa
30 lb/in²
@ 225°F(107°C)
170 kPa
25 lb/in²
@ 300°F(149°C)
100 kPa
15 lb/in²
@ 350°F(177°C)
70 kPa
10 lb/in²
@ 450°F(230°C)
Property: Overlap Shear Strength
Method: ASTM D1002
Substrate: Stainless Steel
notes: Both tapes made from the same adhesive system and are thermoplastic in nature, becoming softer as temperature increases and rmer as temperature
decreases. As the adhesive becomes rmer, the adhesion performance generally increases. At low temperatures (lower than -40°F [-40°C]), the tapes become
very rm and glassy; the ability to absorb impact energy is reduced. In contrast, adhesion strength reduces with increasing temperatures. Typical adhesive
strength properties at di erent temperatures are shown below. (Note: Samples were conditioned at the desired temperature for two minutes before testing at that
temperature.)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com