Electronic Components Datasheet Search
  English  ▼

X  

DS3045W Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS3045W
Description  3.3V Single-Piece 1Mb Nonvolatile SRAM with Clock
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3045W Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS3045W Datasheet HTML 1Page - Maxim Integrated Products DS3045W Datasheet HTML 2Page - Maxim Integrated Products DS3045W Datasheet HTML 3Page - Maxim Integrated Products DS3045W Datasheet HTML 4Page - Maxim Integrated Products DS3045W Datasheet HTML 5Page - Maxim Integrated Products DS3045W Datasheet HTML 6Page - Maxim Integrated Products DS3045W Datasheet HTML 7Page - Maxim Integrated Products DS3045W Datasheet HTML 8Page - Maxim Integrated Products DS3045W Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
General Description
The DS3045W consists of a static RAM, a nonvolatile
(NV) controller, a year 2000-compliant real-time clock
(RTC), and an internal rechargeable manganese lithium
(ML) battery. These components are encased in a sur-
face-mount module with a 256-ball BGA footprint.
Whenever VCC is applied to the module, it recharges
the ML battery, powers the clock and SRAM from the
external power source, and allows the contents of the
clock registers or SRAM to be modified. When VCC is
powered down or out-of-tolerance, the controller write-
protects the memory contents and powers the clock
and SRAM from the battery. The DS3045W also con-
tains a power-supply monitor output (RST), as well as a
user-programmable interrupt output (IRQ/FT).
Applications
RAID Systems and Servers
Gaming
POS Terminals
Fire Alarms
Industrial Controllers
PLCs
Data-Acquisition Systems
Routers/Switches
Features
♦ Single-Piece, Reflowable, 27mm x 27mm BGA
Package Footprint
♦ Internal Manganese Lithium Battery and Charger
♦ Integrated Real-Time Clock
♦ Unconditionally Write-Protects the Clock and
SRAM when VCC is Out-of-Tolerance
♦ Automatically Switches to Battery Supply when
VCC Power Failures Occur
♦ Reset Output can be Used as a CPU Supervisor
♦ Interrupt Output can be Used as a CPU Watchdog
Timer
♦ Industrial Temperature Range (-40°C to +85°C)
♦ UL Recognized
3.3V Single-Piece 1Mb Nonvolatile SRAM
with Clock
______________________________________________ Maxim Integrated Products
1
CE
DATA
ADDRESS
INT
RST
A0–16
DQ0–7
CE
17 BITS
8 BITS
MICROPROCESSOR
OR DSP
DS3045W
128k x 8
NV SRAM
AND RTC
WR
WE
RD
OE
INT
IRQ/FT
CS
CS
Typical Operating Circuit
Rev 0; 6/05
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
Pin Configuration appears at end of data sheet.
PART
TEMP RANGE
PIN-PACKAGE
SPEED
SUPPLY VOLTAGE
DS3045W-100
-40°C to +85°C
256-ball 27mm x 27mm BGA Module
100ns
3.3V ±0.3V


Similar Part No. - DS3045W

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DS30410 DIODES-DS30410 Datasheet
178Kb / 7P
SURFACE MOUNT PRECISION ZENER DIODE
Rev 14
More results

Similar Description - DS3045W

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3065W MAXIM-DS3065W Datasheet
321Kb / 18P
3.3V Single-Piece 8Mb Nonvolatile SRAM with Clock
Rev 0; 4/05
DS3050W MAXIM-DS3050W Datasheet
555Kb / 18P
3.3V Single-Piece 4Mb Nonvolatile SRAM with Clock
Rev 0; 4/05
DS3070W MAXIM-DS3070W Datasheet
275Kb / 18P
3.3V Single-Piece 16Mb Nonvolatile SRAM with Clock
Rev 1; 10/06
DS2045W MAXIM-DS2045W Datasheet
192Kb / 12P
3.3V Single-Piece 1Mb Nonvolatile SRAM
Rev 1; 1/05
DS2030W MAXIM-DS2030W Datasheet
610Kb / 12P
3.3V Single-Piece 256k Nonvolatile SRAM
Rev 0; 10/04
logo
Dallas Semiconductor
DS2045Y DALLAS-DS2045Y Datasheet
428Kb / 12P
Single-Piece 1Mb Nonvolatile SRAM
DS3030W DALLAS-DS3030W Datasheet
549Kb / 18P
3.3V Single-Piece 256kb Nonvolatile SRAM with Clock
logo
Maxim Integrated Produc...
DS3030W MAXIM-DS3030W Datasheet
282Kb / 18P
3.3V Single-Piece 256kb Nonvolatile SRAM with Clock
Rev 2; 10/06
DS2045L MAXIM-DS2045L Datasheet
180Kb / 12P
DS2045L 3.3V Single-Piece 1Mb Nonvolatile SRAM
Rev 3; 10/06
DS2045AB MAXIM-DS2045AB Datasheet
222Kb / 12P
DS2045Y/AB Single-Piece 1Mb Nonvolatile SRAM
Rev 4; 10/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com