Electronic Components Datasheet Search
  English  ▼

X  

DS3045W Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # DS3045W
Description  3.3V Single-Piece 1Mb Nonvolatile SRAM with Clock
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3045W Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button DS3045W Datasheet HTML 10Page - Maxim Integrated Products DS3045W Datasheet HTML 11Page - Maxim Integrated Products DS3045W Datasheet HTML 12Page - Maxim Integrated Products DS3045W Datasheet HTML 13Page - Maxim Integrated Products DS3045W Datasheet HTML 14Page - Maxim Integrated Products DS3045W Datasheet HTML 15Page - Maxim Integrated Products DS3045W Datasheet HTML 16Page - Maxim Integrated Products DS3045W Datasheet HTML 17Page - Maxim Integrated Products DS3045W Datasheet HTML 18Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
3.3V Single-Piece 1Mb Nonvolatile SRAM
with Clock
14
____________________________________________________________________
When the RTC register values match alarm register set-
tings, the alarm flag (AF) is set to a 1. If AE is also a 1,
the alarm condition activates the IRQ/FT output. When
CS is active, the IRQ/FT signal can be cleared by hold-
ing the FLAGS register address stable for tRC and forc-
ing either OE or WE active (see Figure 1). The flag does
not change state until the end of the read/write cycle
and after the IRQ/FT signal has deasserted. To avoid
inadvertently clearing the IRQ/FT signal while preparing
for subsequent write/read cycles at other register
addresses, assure that tAW is met for that subsequent
address (see Figure 2).
The IRQ/FT output can also be activated during battery
backup mode. The IRQ/FT goes low if an alarm occurs
and both AE and ABE are set to 1. The AE and ABE
bits are reset to 0 during the power-up transition, but an
alarm generated during power-up will set AF to a 1.
Therefore, the AF bit can be read after system power-
up to determine if an alarm was generated during the
power-up sequence. Figure 3 illustrates alarm timing
during battery backup mode and power-up states.
Table 3. Alarm Mask Bits
AM4
AM3
AM2
AM1
ALARM RATE
111
1
Once per second
111
0
When seconds match
110
0
When minutes and seconds match
100
0
When hours, minutes, and seconds match
000
0
When date, hours, minutes, and seconds match
CE
WE OR OE
CS
A0–A3
IRQ/FT
tRC MAX
ADDRESS 0h
HIGH IMPEDANCE
Figure 1. Clearing Active IRQ Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com