Electronic Components Datasheet Search
  English  ▼

X  

DS3045W Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # DS3045W
Description  3.3V Single-Piece 1Mb Nonvolatile SRAM with Clock
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3045W Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button DS3045W Datasheet HTML 10Page - Maxim Integrated Products DS3045W Datasheet HTML 11Page - Maxim Integrated Products DS3045W Datasheet HTML 12Page - Maxim Integrated Products DS3045W Datasheet HTML 13Page - Maxim Integrated Products DS3045W Datasheet HTML 14Page - Maxim Integrated Products DS3045W Datasheet HTML 15Page - Maxim Integrated Products DS3045W Datasheet HTML 16Page - Maxim Integrated Products DS3045W Datasheet HTML 17Page - Maxim Integrated Products DS3045W Datasheet HTML 18Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
3.3V Single-Piece 1Mb Nonvolatile SRAM
with Clock
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
18 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 2005 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products, Inc.
is a registered trademark of Dallas Semiconductor Corporation.
Heaney
DS3045W BGA modules are recognized by Underwriters Laboratory (UL) under file E99151.
Pin Configuration
A
12
34
78
9
0
5
6
7
8
90
1
2
34
56
1
2
34
1
1
1
2
5
67
8
9
1
1
1
1
1
1
1
11
1
2
1
1
1
11
1
1
7
8
9
0
0
1
2
3
4
5
6
DS3045W
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
TOP VIEW
GND
IRQ/FT
A15
A16
RST
VCC
WE
OE
CE
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
DQ0
GND
GND
GND
GND
N.C.
N.C.
A14
A13
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
GND
GND
Package Information
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information
go to www.maxim-ic.com/DallasPackInfo.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com