Electronic Components Datasheet Search
  English  ▼

X  

08307 Datasheet(PDF) 1 Page - 3M Electronics

Part # 08307
Description  Self-Leveling SeamSealer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

08307 Datasheet(HTML) 1 Page - 3M Electronics

  08307 Datasheet HTML 1Page - 3M Electronics 08307 Datasheet HTML 2Page - 3M Electronics 08307 Datasheet HTML 3Page - 3M Electronics 08307 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Self-Leveling Seam Sealer
08307
Technical Data Sheet
July 2017
3M Part No.(s)
3M Part Descriptor(s)
08307
3M™ Self-Leveling Seam Sealer
Product Description 3M™ Self-Leveling Seam Sealer utilizes a flexible two-part epoxy technology to
produce a durable sealer capable of sealing seams in properly prepared metal enclosures
(such as auto bodies). This sealer provides a self leveling characteristic that allows it to
flow before curing and is perfect for horizontal applications requiring a smooth, puddled,
application of seam sealer. 3M™ Self-Leveling Seam Sealer requires top coating with
paint in the case of out door applications where UV exposure exists.
Features
• Two-Part Flexible Epoxy Chemistry
• 200 mL Dual - Syringe Cartridge
• Metered Static Mixing
• Self Leveling Formula
Typical Physical
Properties
Note: The following technical information and data should be considered representative or
typical only and should not be used for specification purposes.
Container
200 mL Dual-Syringe Cartridge
Base
Epoxy
Density lbs/Gallon (Appx.)
9.3 / 9.8
Color
Clear / Clear
Flash Point - °F
>200
Viscosity (CPS)
Brookfield Viscometer
5,000 - 15,000
Solids Content (Appx.)
100%
Consistency
Thin syrup
Solvent
N/A
Service Temperature - °F
-20°F to 180°F


Similar Part No. - 08307

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0830700 PHOENIX-0830700 Datasheet
188Kb / 5P
WML 3 (13X10)A4 YE CUS - Cable marker
0830701 PHOENIX-0830701 Datasheet
182Kb / 5P
WML 5 (25X10)A4 CUS - Cable marker
0830702 PHOENIX-0830702 Datasheet
186Kb / 5P
WML 5 (25X10)A4 YE CUS - Cable marker
0830703 PHOENIX-0830703 Datasheet
181Kb / 5P
WML 7,5 (25X13)A4 CUS - Cable marker
0830704 PHOENIX-0830704 Datasheet
184Kb / 5P
WML 7,5 (25X13)A4 YE CUS - Cable marker
More results

Similar Description - 08307

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
LLF-3 RICHCO-LLF-3 Datasheet
313Kb / 1P
LEG LEVELING FOOT
logo
List of Unclassifed Man...
GF1400SL ETC2-GF1400SL Datasheet
532Kb / 1P
Thermally Conductive, Self-Leveling, Liquid Gap Filling Material
logo
Anaren Microwave
10012-6 ANAREN-10012-6 Datasheet
791Kb / 3P
Leveling Loops
10012-10 ANAREN-10012-10 Datasheet
325Kb / 3P
Leveling Loops
10012-30 ANAREN-10012-30 Datasheet
231Kb / 3P
Leveling Loops
logo
Apacer Technology Inc.
SV240-297 APACER-SV240-297 Datasheet
2Mb / 5P
LDPC ECCengine, Global Wear Leveling
logo
3M Electronics
08369 3M-08369 Datasheet
98Kb / 4P
MSP SeamSealer
Dec-2015
08329 3M-08329 Datasheet
46Kb / 4P
Control-Flow SeamSealer
Jul-2017
08656 3M-08656 Datasheet
43Kb / 3P
Brushable SeamSealer Gray
Jul-2017
DP5106 3M-DP5106 Datasheet
174Kb / 7P
3M??Scotch-Weld??Control Joint SEALANTS DP5106, Self-Leveling, Gray
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com