Electronic Components Datasheet Search
  English  ▼

X  

08307 Datasheet(PDF) 3 Page - 3M Electronics

Part # 08307
Description  Self-Leveling SeamSealer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

08307 Datasheet(HTML) 3 Page - 3M Electronics

  08307 Datasheet HTML 1Page - 3M Electronics 08307 Datasheet HTML 2Page - 3M Electronics 08307 Datasheet HTML 3Page - 3M Electronics 08307 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3M
™ Self-Leveling Seam Sealer
08307
Directions for Use
(continued)
GENERAL REPAIR PROCESS:
1. Extrude sealer onto surface, being sure to keep end of mixing nozzle submerged in
the seam sealer to reduce the possibility of entrapping air in the product.
2. Allow to cure a minimum of 15 minutes before beginning the painting process.
NOTE: If the sealer is allowed to cure more than 24 hours, scuff the sealer prior to
any painting steps.
APPLICATION WARNINGS:
• Not to be used in direct contact with acid etch primers.
• This is a flow grade sealer. Protect any surfaces that it may run, drip or flow onto.
CLEAN-UP:
Prior to curing, 08307 may be cleaned from most surfaces with an appropriate VOC
compliant product for removal of surface contaminants.
STORAGE:
After initial use, leave mix nozzle in place to seal the cartridge.
Applications
Sealing of seams in properly prepared sheet metal enclosures where a “self leveling”
sealer is required.
Storage and
Handling
HANDLING
Do not eat, drink or smoke when using this product. Wash exposed areas thoroughly
with soap and water. Keep out of the reach of children. Keep container closed when not
in use. Avoid breathing of dust created by cutting, sanding, grinding or machining. For
industrial or professional use only. Avoid eye contact with dust or airborne particles.
STORAGE
When stored at the recommended conditions in original, unopened containers, this
product has a shelf life of 12 months from the date of manufacture. Store in a dry area
at 72°F for optimal shelf life. Store away from acids and other oxidizing agents.
After use, leave mix nozzle in place to seal the cartridge.
- 3 -



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com