Electronic Components Datasheet Search
  English  ▼

X  

08307 Datasheet(PDF) 2 Page - 3M Electronics

Part # 08307
Description  Self-Leveling SeamSealer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

08307 Datasheet(HTML) 2 Page - 3M Electronics

  08307 Datasheet HTML 1Page - 3M Electronics 08307 Datasheet HTML 2Page - 3M Electronics 08307 Datasheet HTML 3Page - 3M Electronics 08307 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3M
™ Self-Leveling Seam Sealer
08307
Product Uses
3M™ Self-Leveling Seam Sealer is designed for use in the auto body industry and
is typically used to replace “roof division channel” sealers, this sealer is not
recommended for the repair of vessels designed to contain liquids or liquids under
pressure. 3M™ Self-Leveling Seam Sealer may be suitable for some architectural or
industrial applications (user assumes responsibility to test for suitability).
Use with the following applicators: PN 08117 (manual), PN 08571 (manual), and
PN 09930 (pneumatic).
3M™ Mix Nozzle: PN 08193 (6/bag), PN 8194 (50/box).
For professional use only. Not intended for retail sale.
Typical Performance
Properties
The following times have been determined with ambient air temperature and
substrate temperature @ 70°F (21°C) and are considered typical values.
WORK TIME:
8 minutes
MIX NOZZLE DWELL TIME:
6 minutes
SAND TIME:
N/A
CURE TIME:
1 hour
PAINT TIME:
15 minutes
TENSILE STRENGTH:
7995 PSI
ELONGATION:
8%
Directions for Use
SURFACE PREPARATION:
NOTE: Apply only to surfaces primed with a 2K urethane, 2K epoxy primer, or clean, sanded paint or E-
coat. Acid etch primers should never be in direct contact with seam sealer
.
1. Scuff primed surface with a Scotch-Brite™ General Purpose Hand Pad (Ultrafine),
(PN. 07448).
2. Blow off dust with clean, compressed air and wipe with an appropriate VOC
compliant surface cleaner.
PRODUCT PREPARATION:
1. Insert cartridge into applicator gun.
2. Remove retaining collar and plug from end of cartridge. Discard plug, save
retaining collar.
3. Extrude a small amount of product until both parts A and B dispense equally.
4. Attach 3M™ Mixing Nozzle (PN 08193) to cartridge and lock in place with
retaining collar.
5. Dispense a small amount of material and discard.
- 2 -



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com