Electronic Components Datasheet Search
  English  ▼

X  

7903 Datasheet(PDF) 7 Page - 3M Electronics

Part # 7903
Description  3M??Sheet Label Material 7903
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

7903 Datasheet(HTML) 7 Page - 3M Electronics

  7903 Datasheet HTML 1Page - 3M Electronics 7903 Datasheet HTML 2Page - 3M Electronics 7903 Datasheet HTML 3Page - 3M Electronics 7903 Datasheet HTML 4Page - 3M Electronics 7903 Datasheet HTML 5Page - 3M Electronics 7903 Datasheet HTML 6Page - 3M Electronics 7903 Datasheet HTML 7Page - 3M Electronics 7903 Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Family Group
ISO Statement
3M™ Sheet Label Material 7903
Converting
Die cut with steel rule or atbed dies. The 90# lay- at liner also allows kiss cutting and back splitting. The converter can cut through the polyester facestock without
cutting through the liner. Sheet label materials are not recommended for rotary die cutting and stripping operations.
Storage and Shelf Life
Store at room temperature conditions of 72°F (22°C) and 50% relative humidity.
If stored under proper conditions, product retains its performance and properties for 24 months from date of manufacture.
Industry Speci cations
UL Recognized (File MH11410)
CSA Accepted (File 99316)
Trademarks
3M is a trademark of 3M Company.
Alconox is a registered trademark of Alconox, Inc.
Formula 409 is a registered trademark of Clorox.
References
Property
Values
3m.com Product Page
https://www.3m.com/3M/en_US/company-us/all-3m-products/~/3M-Sheet-
and-Screen-Label-Materials/?N=5002385+3291133925&rt=rud
Safety Data Sheet (SDS)
https://www.3m.com/3M/en_US/company-us/SDS-search/results/?
gsaAction=msdsSRA&msdsLocale=en_US&co=ptn&q=7903
7903
7905
7908
7909
7903FL
7908FL
Facestock
Bright Silver
Polyester PT
Clear Polyester
Gloss TC
White Polyester
Gloss TC
Brushed Silver
Polyester TC
Bright Silver
Polyester PT
White Polyester
Gloss TC
Facestock Thickness (mm)
0.051
0.051
0.051
0.051
0.051
0.051
Adhesive
350 Acrylic
350 Acrylic
350 Acrylic
350 Acrylic
350 Acrylic
350 Acrylic
Adhesive Thickness (mm)
0.046
0.046
0.046
0.046
0.046
0.046
Liner
90# Polyctd.
bleached kraft sheet
bleached kraft sheet
sides
90# Polyctd.
bleached kraft sheet
bleached kraft sheet
sides
90# Polyctd.
bleached kraft sheet
bleached kraft sheet
sides
90# Polyctd.
bleached kraft sheet
bleached kraft sheet
sides
Clear Polyester
Clear Polyester
Liner Thickness (mm)
0.17
0.17
0.17
0.17
0.102
0.102
This Industrial Adhesives and Tapes Division product was manufactured under a 3M quality system registered to ISO 9001 standards.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com