Electronic Components Datasheet Search
  English  ▼

X  

7903 Datasheet(PDF) 2 Page - 3M Electronics

Part # 7903
Description  3M??Sheet Label Material 7903
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

7903 Datasheet(HTML) 2 Page - 3M Electronics

  7903 Datasheet HTML 1Page - 3M Electronics 7903 Datasheet HTML 2Page - 3M Electronics 7903 Datasheet HTML 3Page - 3M Electronics 7903 Datasheet HTML 4Page - 3M Electronics 7903 Datasheet HTML 5Page - 3M Electronics 7903 Datasheet HTML 6Page - 3M Electronics 7903 Datasheet HTML 7Page - 3M Electronics 7903 Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
3M™ Sheet Label Material 7903
Technical Information Note
The following technical information and data should be considered representative or typical only and should not be used for speci cation purposes.
Typical Physical Properties
Property
Values
Facestock
Bright Silver Polyester PT
Facestock Thickness
0.051 mm
2 mil
Adhesive
350 Acrylic
Adhesive Thickness
0.046 mm
1.8 mil
Liner
90# Polyctd. bleached kraft sheet bleached kraft
sheet sides
Liner Thickness
0.170 mm
6.7 mil
Adhesive Coat Weight
2.70 to 3.24 g/100 in²
Convertability
In order to capture the superior performance properties of 3M™ High Holding Acrylic Adhesive 350, thicker calipers are utilized for LSE or textured substrates. Its
higher caliper, while desirable for the end use applications, may require extra care during processing. Please refer to the die cutting/converting section of this data
page or the “Guide to Converting and Handling Label Products” technical bulletin for additional information.
Note
Calipers are nominal values
Typical Performance Characteristics
Table continued on next page
90° Peel
Adhesion
Dwell/Cure
Time
Dwell Time
Units
Temp C
Temp F
Environmental
Condition
Substrate
Backing
3.4 N/cm
31 oz/in
72
hr
22C
72F
52%RH
Polypropylene
(PP)
2 mil PET
75 oz/in
8.2 N/cm
72
hr
22C
72F
52%RH
Stainless Steel
2 mil PET
3.5 N/cm
32 oz/in
72
hr
22C
72F
52%RH
High Density
Polyethylene
(HDPE)
2 mil PET
37 oz/in
4 N/cm
72
hr
22C
72F
52%RH
Low Density
Polyethylene
(LDPE)
2 mil PET
10.5 N/cm
96 oz/in
72
hr
49C
120F
52%RH
Stainless Steel
3.7 N/cm
34 oz/in
72
hr
49C
120F
52%RH
Polycarbonate
(PC)
1.6 N/cm
33 oz/in
72
hr
49C
120F
52%RH
Polypropylene
(PP)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com