Electronic Components Datasheet Search
  English  ▼

X  

7903 Datasheet(PDF) 3 Page - 3M Electronics

Part # 7903
Description  3M??Sheet Label Material 7903
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

7903 Datasheet(HTML) 3 Page - 3M Electronics

  7903 Datasheet HTML 1Page - 3M Electronics 7903 Datasheet HTML 2Page - 3M Electronics 7903 Datasheet HTML 3Page - 3M Electronics 7903 Datasheet HTML 4Page - 3M Electronics 7903 Datasheet HTML 5Page - 3M Electronics 7903 Datasheet HTML 6Page - 3M Electronics 7903 Datasheet HTML 7Page - 3M Electronics 7903 Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3M™ Sheet Label Material 7903
Typical Performance Characteristics (continued)
90° Peel
Adhesion
Dwell/Cure
Time
Dwell Time
Units
Temp C
Temp F
Environmental
Condition
Substrate
Backing
9.4 N/cm
86 oz/in
72
hr
49C
120F
52%RH
Glass
3.5 N/cm
32 oz/in
72
hr
49C
120F
52%RH
High Density
Polyethylene
(HDPE)
1.5 N/cm
14 oz/in
72
hr
49C
120F
52%RH
Low Density
Polyethylene
(LDPE)
8.4 N/cm
77 oz/in
72
hr
22C
72F
52%RH
Glass
2 mil PET
7.6 N/cm
69 oz/in
72
hr
22C
72F
52%RH
Polycarbonate
(PC)
2 mil PET
8.9 N/cm
81 oz/in
24
hr
32C
90F
90%RH
Stainless Steel
6.4 N/cm
59 oz/in
24
hr
32C
90F
90%RH
Polycarbonate
(PC)
5.1 N/cm
47 oz/in
24
hr
32C
90F
90%RH
Polypropylene
(PP)
7.9 N/cm
72 oz/in
24
hr
32C
90F
90%RH
Glass
4.2 N/cm
38 oz/in
24
hr
32C
90F
90%RH
High Density
Polyethylene
(HDPE)
4.4 N/cm
40 oz/in
24
hr
32C
90F
90%RH
Low Density
Polyethylene
(LDPE)
6.9 N/cm
63 oz/in
10
min
22C
72F
52%RH
Stainless Steel
7.1 N/cm
65 oz/in
10
min
22C
72F
52%RH
Polycarbonate
(PC)
3.2 N/cm
29 oz/in
10
min
22C
72F
52%RH
Polypropylene
(PP)
7.6 oz/in
69 oz/in
10
min
22C
72F
52%RH
Glass
3 N/cm
27 oz/in
10
min
22C
72F
52%RH
High Density
Polyethylene
(HDPE)
3.2 N/cm
30 oz/in
10
min
22C
72F
52%RH
Low Density
Polyethylene
(LDPE)
Property: 90° Peel Adhesion
Method: ASTM D3330
notes: 12 in/min (300 mm/min)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com