Electronic Components Datasheet Search
  English  ▼

X  

9500PC Datasheet(PDF) 6 Page - 3M Electronics

Part # 9500PC
Description  3M™ Double Coated Tape 9500PC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

9500PC Datasheet(HTML) 6 Page - 3M Electronics

  9500PC Datasheet HTML 1Page - 3M Electronics 9500PC Datasheet HTML 2Page - 3M Electronics 9500PC Datasheet HTML 3Page - 3M Electronics 9500PC Datasheet HTML 4Page - 3M Electronics 9500PC Datasheet HTML 5Page - 3M Electronics 9500PC Datasheet HTML 6Page - 3M Electronics 9500PC Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
3M™ Double Coated Tape 9500PC
Family Group (continued)
ISO Statement
Recognition/Certi cation
9500PC
9500B
9593
3028EK
Adhesive Thickness (mm)
Attribute Modi er:
Backside
0.058
0.058
0.038
0.058
Liner Color
Attribute Modi er:
Primary
Natural
Natural
White
White
Adhesive Type
Attribute Modi er:
Backside
350
350
350
350
Adhesive Thickness (mm)
Attribute Modi er:
Faceside
0.058
0.058
0.038
0.058
Total Tape Thickness
without liner (mm)
0.14
0.14
0.089
0.14
Carrier Thickness (mm)
0.025
0.025
0.013
0.025
Adhesive Carrier
Clear PET (Polyester)
Black PET (Polyester)
Clear PET (Polyester)
Clear PET (Polyester)
Liner
Polycoated Kraft
Polycoated Kraft
55# Densi ed Kraft
Extensible Kraft
Liner Thickness (mm)
0.11
0.11
0.081
0.14
This Industrial Adhesives and Tapes Division product was manufactured under a 3M quality system registered to ISO 9001 standards.
MSDS: 3M has not prepared a MSDS for these products which are not subject to the MSDS requirements of the Occupational Safety and Health Administration’s
Hazard Communication Standard, 29 C.F.R. 1910.1200(b)(6)(v). When used under reasonable conditions or in accordance with the 3M directions for use, the products
should not present a health and safety hazard. However, use or processing of the products in a manner not in accordance with the directions for use may a ect their
performance and present potential health and safety hazards.
TSCA: These products are de ned as articles under the Toxic Substances Control Act and therefore, are exempt from inventory listing requirements.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com