Electronic Components Datasheet Search
  English  ▼

X  

9500PC Datasheet(PDF) 2 Page - 3M Electronics

Part # 9500PC
Description  3M™ Double Coated Tape 9500PC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

9500PC Datasheet(HTML) 2 Page - 3M Electronics

  9500PC Datasheet HTML 1Page - 3M Electronics 9500PC Datasheet HTML 2Page - 3M Electronics 9500PC Datasheet HTML 3Page - 3M Electronics 9500PC Datasheet HTML 4Page - 3M Electronics 9500PC Datasheet HTML 5Page - 3M Electronics 9500PC Datasheet HTML 6Page - 3M Electronics 9500PC Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
3M™ Double Coated Tape 9500PC
Technical Information Note
The following technical information and data should be considered representative or typical only and should not be used for speci cation purposes.
Typical Physical Properties
Property
Values
Attribute Modi er
Notes
Total Tape Thickness
without liner
0.14 mm
5.6 mil
Carrier Thickness
0.025 mm
1 mil
Adhesive Type
350
Faceside
Faceside adhesive is on the interior of the roll,
exposed when unwound and liner removed.
Adhesive Type
350
Backside
Backside adhesive is on the exterior of the roll,
exposed when liner is removed.
Adhesive Carrier
Clear PET (Polyester)
Liner
Polycoated Kraft
Liner Color
Natural
Primary
Liner Thickness
0.11 mm
4.5 mil
Adhesive Thickness
Attribute Modi er
Notes
0.058 mm
Backside
The caliper listed is based on a calculation from
manufacturing controlled adhesive coat
weight. While past data pages have listed
nominal thicknesses of 1 and 2 mils, the coat
weight (and theoretical caliper) has not
changed.
2.3 mil
Backside
Backside adhesive is on the exterior of the roll,
exposed when liner is removed.
0.058 mm
2.3 mil
Faceside
Faceside adhesive is on the interior of the roll,
exposed when unwound and liner removed.
Property: Adhesive Thickness
Typical Performance Characteristics
Table continued on next page
90° Peel
Adhesion
Dwell/Cure
Time
Dwell Time
Units
Temp C
Temp F
Substrate
Backing
Notes
7.7 N/cm
15
min
22C
72F
Stainless
Steel
2 mil
Aluminum
Foil



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com