Electronic Components Datasheet Search
  English  ▼

X  

9500PC Datasheet(PDF) 3 Page - 3M Electronics

Part # 9500PC
Description  3M™ Double Coated Tape 9500PC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

9500PC Datasheet(HTML) 3 Page - 3M Electronics

  9500PC Datasheet HTML 1Page - 3M Electronics 9500PC Datasheet HTML 2Page - 3M Electronics 9500PC Datasheet HTML 3Page - 3M Electronics 9500PC Datasheet HTML 4Page - 3M Electronics 9500PC Datasheet HTML 5Page - 3M Electronics 9500PC Datasheet HTML 6Page - 3M Electronics 9500PC Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3M™ Double Coated Tape 9500PC
Typical Performance Characteristics (continued)
90° Peel
Adhesion
Dwell/Cure
Time
Dwell Time
Units
Temp C
Temp F
Substrate
Backing
Notes
71 oz/in
15
min
22C
72F
Stainless
Steel
2 mil
Aluminum
Foil
12 in/min (300 mm/min)
10.1 N/cm
93 oz/in
72
hr
22C
72F
Stainless
Steel
2 mil
Aluminum
Foil
12 in/min (300 mm/min)
13.2
N/cm
121 oz/in
72
hr
70C
158F
Stainless
Steel
2 mil
Aluminum
Foil
12 in/min (300 mm/min)
8.1 N/cm
74 oz/in
72
hr
22C
72F
ABS
2 mil
Aluminum
Foil
12 in/min (300 mm/min)
4.8 N/cm
44 oz/in
72
hr
22C
72F
Polypropylene
(PP)
2 mil
Aluminum
Foil
12 in/min (300 mm/min)
6.5 N/cm
60 oz/in
72
hr
22C
72F
Polycarbonate
(PC)
2 mil
Aluminum
Foil
12 in/min (300 mm/min)
8.4 N/cm
77 oz/in
72
hr
22C
72F
Polyester
(PET)
Aluminum
Foil
3.6 N/cm
33 oz/in
72
hr
22C
72F
High
Density
Polyethylene
(HDPE)
2 mil
Aluminum
Foil
12 in/min (300 mm/min)
Property: 90° Peel Adhesion
Method: ASTM D3330
Environmental Condition: 52%RH
Relative High Temperature Operating Ranges
Test Condition
177 °C
350 °F
Short Term (minutes, hours)
93 °C
200 °F
Long Term (days, weeks)
Property: Relative High Temperature Operating Ranges
Table continued on next page
Property Values
Method
Test
Condition
Notes
Dwell/Cure
Time
Dwell
Time
Units
Temp
C
Temp
F
Environmental
Condition
Substrate
Backing
Static
Shear
10000
min
ASTM
D3654
1000
g @
Room
Temperature
0.5 in² sample size



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com