Electronic Components Datasheet Search
  English  ▼

X  

3199 Datasheet(PDF) 1 Page - 3M Electronics

Part # 3199
Description  3M™ Scotch® Security Message Box Sealing Tape 3199
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3199 Datasheet(HTML) 1 Page - 3M Electronics

  3199 Datasheet HTML 1Page - 3M Electronics 3199 Datasheet HTML 2Page - 3M Electronics 3199 Datasheet HTML 3Page - 3M Electronics 3199 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ASK A 3M EXPERT
January, 2011
3M™ Scotch® Security Message Box Sealing Tape 3199
Product Description
Scotch® Security Message Box Sealing Tape 3199 is a performance packaging tape used speci cally where
the security of the carton contents is a concern. The printed design along with the message make it easier to
note when a package has been opened. Additionally, this product has a conformable backing and a consistent
pressure sensitive acrylic adhesive system. This time-proven construction assures a reliable performance in a
range of environments and applications.
Product Features
• Clear with red printed lines and message, “Check Seal Before Accepting.”
• Diagonal lines and printed message makes it easier to notice when a package has been opened and resealed.
• Adheres to a variety of surfaces.
• Conformable backing with edge tear and split resistance.
• Good aging in sunlight or uorescent lighting.
• Reliable closures.
• Long life in use.
• Excellent cold temperature performance.


Similar Part No. - 3199

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3199 KR-3199 Datasheet
106Kb / 3P
233.9 MHz Bandpass Filter
logo
Presto International UK...
31991 PRESTO-31991 Datasheet
3Mb / 24P
ENGINEERS CUTTING TOOLS
logo
Numonyx B.V
319942 NUMONYX-319942 Datasheet
776Kb / 67P
Numonyx® Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
Jan 2018
logo
Intel Corporation
319973-003 INTEL-319973-003 Datasheet
5Mb / 840P
Intel I/O Controller Hub 10
319977-003 INTEL-319977-003 Datasheet
431Kb / 45P
Intel Atom Processor 230 Series Features
More results

Similar Description - 3199

ManufacturerPart #DatasheetDescription
logo
3M Electronics
2229 3M-2229 Datasheet
28Kb / 2P
3M™ Scotch-Seal™ Mastic Tape
Rev B
3732 3M-3732 Datasheet
571Kb / 4P
3M™ Scotch® High Performance Printed Box Sealing Tape 3732
Jan-2011
371 3M-371 Datasheet
570Kb / 4P
3M™ Scotch® Industrial Box Sealing Tape 371
May-2017
372 3M-372 Datasheet
562Kb / 4P
3M??Scotch짰 Performance Box Sealing Tape 372
353 3M-353 Datasheet
570Kb / 4P
3M ??Scotch짰 High Performance Box Sealing Tape 353
313 3M-313 Datasheet
560Kb / 4P
3M ??Scotch짰 Box Sealing Tape 313
369 3M-369 Datasheet
133Kb / 4P
3M™ Tartan™ Box Sealing Tape 369
Jun-2017
481 3M-481 Datasheet
130Kb / 6P
3M™ Preservation Sealing Tape 481
Jun-2010
8777 3M-8777 Datasheet
137Kb / 5P
3M™ Sealing Tape 8777
Jun-2011
311 3M-311 Datasheet
115Kb / 3P
Box Sealing Tape
2017
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com