Electronic Components Datasheet Search
  English  ▼

X  

3199 Datasheet(PDF) 2 Page - 3M Electronics

Part # 3199
Description  3M™ Scotch® Security Message Box Sealing Tape 3199
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3199 Datasheet(HTML) 2 Page - 3M Electronics

  3199 Datasheet HTML 1Page - 3M Electronics 3199 Datasheet HTML 2Page - 3M Electronics 3199 Datasheet HTML 3Page - 3M Electronics 3199 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3M™ Scotch® Security Message Box Sealing Tape 3199
Technical Information Note
The following technical information and data should be considered representative or typical only and should not be used for speci cation purposes.
Typical Physical Properties
Property
Values
Method
Color
Clear with red printed message
Total Tape Thickness
0.052 mm
2.05 mil
ASTM D3652
Backing Thickness
0.028 mm
1.1 mil
ASTM D3652
Backing
Biaxially oriented polypropylene lm
Adhesive
Pressure sensitive acrylic resin
Typical Performance Characteristics
Property
Values
Method
Backing
Notes
Substrate
180° Peel
Adhesion
22 oz/in
ASTM D3330
2 mil Aluminum Foil
12 in/min (300 mm/min)
72 hr dwell on Stainless Steel
180° Peel
Adhesion
24.1 N/100mm
ASTM D3330
Stainless Steel
Elongation at
Break
125 %
ASTM D3759
Tensile Strength
Test Condition
Notes
438 N/100mm
Machine Direction
25 lb/in
Machine Direction
701 N/100mm
40 lb/in
Cross Direction
Property: Tensile Strength
Method: ASTM D3759
Available Sizes
Property
Values
Attribute Modi er
Standard Roll Length
100, 914 m
109, 1000 yd
Standard Width
48 mm
1.9 in
Core Size
76.2 mm
3 in
ID



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com