Electronic Components Datasheet Search
  English  ▼

X  

3199 Datasheet(PDF) 3 Page - 3M Electronics

Part # 3199
Description  3M™ Scotch® Security Message Box Sealing Tape 3199
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3199 Datasheet(HTML) 3 Page - 3M Electronics

  3199 Datasheet HTML 1Page - 3M Electronics 3199 Datasheet HTML 2Page - 3M Electronics 3199 Datasheet HTML 3Page - 3M Electronics 3199 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ISO Statement
3M™ Scotch® Security Message Box Sealing Tape 3199
Handling/Application Information
Application Techniques
An extensive line of application equipment is available. Scotch® Security Message Box Sealing Tape 3199 has been applied to berboard boxes with good results at
refrigeration temperatures of 32° to 50°F (0° to 10°C). Once applied Scotch® Tape 3199 performs well on berboard boxes subjected to temperatures below 32°F
(0°C).
Storage and Shelf Life
Store in a clean, dry place. Temperature of 40-80°F (4-26°C) and 40 to 50% relative humidity are recommended.
To obtain best performance, use this product within 18 months from date of manufacture.
Trademarks
Scotch is a registered trademark of 3M.
References
Property
Values
3m.com Product Page
https://www.3m.com/3M/en_US/company-us/all-3m-products/~/Scotch-
Security-Message-Box-Sealing-Tape-3199?N=5002385+3293241262&rt=rud
Safety Data Sheet (SDS)
https://www.3m.com/3M/en_US/company-us/SDS-search/results/?
gsaAction=msdsSRA&msdsLocale=en_US&co=ptn&q=3199
This Industrial Adhesives and Tapes Division product was manufactured under a 3M quality system registered to ISO 9001 standards.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com