Electronic Components Datasheet Search
  English  ▼

X  

2158B Datasheet(PDF) 4 Page - 3M Electronics

Part # 2158B
Description  3M??Value Duct Tape 1900
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

2158B Datasheet(HTML) 4 Page - 3M Electronics

  2158B Datasheet HTML 1Page - 3M Electronics 2158B Datasheet HTML 2Page - 3M Electronics 2158B Datasheet HTML 3Page - 3M Electronics 2158B Datasheet HTML 4Page - 3M Electronics 2158B Datasheet HTML 5Page - 3M Electronics 2158B Datasheet HTML 6Page - 3M Electronics 2158B Datasheet HTML 7Page - 3M Electronics 2158B Datasheet HTML 8Page - 3M Electronics 2158B Datasheet HTML 9Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
3M™ Scotch-Weld™ Epoxy Adhesive 2158 B/A
Electrical and Thermal Properties (continued)
Property
Values
Test Condition
Notes
Method
Dissipation
Factor
0.019
1 KHz, Room
Temperature
ASTM D150
Thermal
Conductivity
0.283 (btu-ft)/(h-
ft²-°F)
Volume
Resistivity
1.4 × 10^15 Ω-cm
Room
Temperature
ASTM D257
Coe cient of
Thermal
Expansion
53 × 10^-6 m/m/
°C
@ -50 to 30°C
Coe cient of
Thermal
Expansion
135 × 10^-6
m/m/°C
@ 70 to 130°C
Typical Performance Characteristics
T-Peel Adhesion: 3 lb/in width
Conditions
Dwell/Cure Time: 7
Dwell Time Units: day
Temp C: 23C
Temp F: 73F
Substrate: FPL Etched Aluminum
Methods
ASTM D1876
Additional Information
Notes: 2 psi applied during dwell



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com