Electronic Components Datasheet Search
  English  ▼

X  

2158B Datasheet(PDF) 3 Page - 3M Electronics

Part # 2158B
Description  3M??Value Duct Tape 1900
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

2158B Datasheet(HTML) 3 Page - 3M Electronics

  2158B Datasheet HTML 1Page - 3M Electronics 2158B Datasheet HTML 2Page - 3M Electronics 2158B Datasheet HTML 3Page - 3M Electronics 2158B Datasheet HTML 4Page - 3M Electronics 2158B Datasheet HTML 5Page - 3M Electronics 2158B Datasheet HTML 6Page - 3M Electronics 2158B Datasheet HTML 7Page - 3M Electronics 2158B Datasheet HTML 8Page - 3M Electronics 2158B Datasheet HTML 9Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3M™ Scotch-Weld™ Epoxy Adhesive 2158 B/A
Typical Mixed Physical Properties
Property
Values
Test Condition
Worklife, 100g mixed
120 min
Room Temperature
Time to Handling Strength
8 to 12 h
Room Temperature
Time to Full Cure
7 day
Room Temperature
Typical Physical Properties
Color: Gray
Conditions
Attribute Modi er: Cured
Typical Cured Characteristics
Shore D Hardness: 85
Conditions
Dwell/Cure Time: 60 min @ Room Temperature
Methods
ASTM D2240
Electrical and Thermal Properties
Table continued on next page
Property
Values
Test Condition
Notes
Method
Glass Transition
Temperature
(Tg)
52 °C
Mid-Point
Glass Transition Temperature (Tg)
determined using DSC Analyzer
with a heating rate of 68°F (20°C)
per minute. Second heat values
given.
Dielectric
Constant
5.6
1 KHz, Room
Temperature
ASTM D150



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com