Electronic Components Datasheet Search
  English  ▼

X  

2158B Datasheet(PDF) 2 Page - 3M Electronics

Part # 2158B
Description  3M??Value Duct Tape 1900
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

2158B Datasheet(HTML) 2 Page - 3M Electronics

  2158B Datasheet HTML 1Page - 3M Electronics 2158B Datasheet HTML 2Page - 3M Electronics 2158B Datasheet HTML 3Page - 3M Electronics 2158B Datasheet HTML 4Page - 3M Electronics 2158B Datasheet HTML 5Page - 3M Electronics 2158B Datasheet HTML 6Page - 3M Electronics 2158B Datasheet HTML 7Page - 3M Electronics 2158B Datasheet HTML 8Page - 3M Electronics 2158B Datasheet HTML 9Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
3M™ Scotch-Weld™ Epoxy Adhesive 2158 B/A
Technical Information Note
The following technical information and data should be considered representative or typical only and should not be
used for speci cation purposes.
Typical Uncured Physical Properties
Property
Values
Test Condition
Notes
Base Color
White
Accelerator Color
Dark Gray
Base Viscosity
250,000-450,000 cP
Room Temperature
Viscosity obtained by
Brook eld, DV-II, #7 Spindle,
20 rpm
Accelerator Viscosity
200,000-800,000 cP
Room Temperature
Viscosity obtained by
Brook eld, DV-II, #7 Spindle,
20 rpm.
Base Resin
Modi ed Epoxy
Accelerator Resin
Synthetic Resin
Base Net Weight
13.0 ∓ 0.2 lb/gal
Accelerator Net
Weight
12.8 ∓ 0.4 lb/gal
Mix Ratio by Volume
(B:A)
1:1
Mix Ratio by Weight
(B:A)
1:1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com