Electronic Components Datasheet Search
  English  ▼

X  

09D Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # 09D
Description  Choke Coils
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

09D Datasheet(HTML) 3 Page - Panasonic Semiconductor

  09D Datasheet HTML 1Page - Panasonic Semiconductor 09D Datasheet HTML 2Page - Panasonic Semiconductor 09D Datasheet HTML 3Page - Panasonic Semiconductor 09D Datasheet HTML 4Page - Panasonic Semiconductor 09D Datasheet HTML 5Page - Panasonic Semiconductor 09D Datasheet HTML 6Page - Panasonic Semiconductor 09D Datasheet HTML 7Page - Panasonic Semiconductor 09D Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Power Inductors
f9.5 max.
5.0±0.5
2–
f0.6
5.0±0.1
2–
f1.00±0.05
S
F
Examples Type 09D
Part No.
Inductance
(µH)
Tolerance
(%)
Test Freq.
(kHz)
RDC.(
Ω)
[at 20 °C]
(Tol.±20 %)
IDC.✽
[at 20 °C]
(A)max.
ELC09D2R2
□F
2.2
±20
10
0.012
3.50
ELC09D2R7
□F
2.7
0.013
3.30
ELC09D3R3
□F
3.3
0.015
3.20
ELC09D3R9
□F
3.9
0.016
3.10
ELC09D4R7
□F
4.7
0.018
3.00
ELC09D5R6
□F
5.6
0.019
2.90
ELC09D6R8
□F
6.8
0.021
2.80
ELC09D8R2
□F
8.2
0.024
2.60
ELC09D100
□F
10.0
0.027
2.50
ELC09D120
□F
12.0
0.031
2.30
ELC09D150
□F
15.0
0.035
2.10
ELC09D180
□F
18.0
0.038
2.00
ELC09D220
□F
22.0
±10
0.051
1.80
ELC09D270
□F
27.0
0.058
1.60
ELC09D330
□F
33.0
0.081
1.40
ELC09D390
□F
39.0
0.087
1.30
ELC09D470
□F
47.0
0.110
1.20
ELC09D560
□F
56.0
0.130
1.10
ELC09D680
□F
68.0
0.140
1.00
ELC09D820
□F
82.0
0.160
0.90
ELC09D101
□F
100.0
0.200
0.82
ELC09D121
□F
120.0
0.250
0.77
ELC09D151
□F
150.0
0.320
0.74
ELC09D181
□F
180.0
0.360
0.61
ELC09D221
□F
220.0
0.410
0.58
ELC09D271
□F
270.0
0.500
0.52
ELC09D331
□F
330.0
0.650
0.49
ELC09D391
□F
390.0
0.860
0.46
ELC09D471
□F
470.0
0.980
0.39
ELC09D561
□F
560.0
1.100
0.36
ELC09D681
□F
680.0
1.400
0.34
ELC09D821
□F
820.0
1.600
0.30
ELC09D102
□F
1000.0
2.100
0.28
ELC09D122
□F
1200.0
2.400
0.23
ELC09D152
□F
1500.0
2.800
0.21
ELC09D182
□F
1800.0
3.800
0.19
ELC09D222
□F
2200.0
4.400
0.17
ELC09D272
□F
2700.0
6.100
0.16
ELC09D332
□F
3300.0
7.000
0.14
ELC09D392
□F
3900.0
8.000
0.13
ELC09D472
□F
4700.0
11.200
0.12
ELC09D562
□F
5600.0
12.600
0.11
ELC09D682
□F
6800.0
14.400
0.10
ELC09D822
□F
8200.0
16.600
0.09
ELC09D103
□F
10000.0
18.800
0.08
✽ Allowable DC Current: Smaller current value either when the inductance is –10 % or when the case temperature has risen 45 °C.
[Dimensions in mm]
(not to scale)
Recommended PWB
piercing plan
Connection Schematic
Oct. 2014
02



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com