Electronic Components Datasheet Search
  English  ▼

X  

09D Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 09D
Description  Choke Coils
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

09D Datasheet(HTML) 1 Page - Panasonic Semiconductor

  09D Datasheet HTML 1Page - Panasonic Semiconductor 09D Datasheet HTML 2Page - Panasonic Semiconductor 09D Datasheet HTML 3Page - Panasonic Semiconductor 09D Datasheet HTML 4Page - Panasonic Semiconductor 09D Datasheet HTML 5Page - Panasonic Semiconductor 09D Datasheet HTML 6Page - Panasonic Semiconductor 09D Datasheet HTML 7Page - Panasonic Semiconductor 09D Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Power Inductors
E
1
L
2
C
3
0
4
9
5
D
6
2
7
R
8
2
911
10
Product code
Style
Construction
Inductance
Packaging
Core size
Terminal board
or
Case size
Core
Core
Case
Terminal
Terminal
Core
Core
Terminal board
Terminal
Core (Magnetic Shielded)
Terminal board
Terminal
Taping
Other
D
Omission
E, F etc.
✽
✽
D
B
E
P
09
11
12
15
16
18
Direct terminal by wire
Design No.
10000
L (µH)
10
50
100
500
1000
5000 10000
IDC(mA)
5000
1000
500
100
50
10
5
1
09D
16B
18B
10000
L (µH)
5000
1000
500
100
50
10
5
1
10
50
100
500
1000
5000 10000
IDC(mA)
10E
12E
15E
18E
Explanation of Part Numbers
Features
Choke Coils
Series :
Pin terminal
Type :
09D, 11D, 12D, 16B, 18B,
10E, 12E, 15E, 18E
● Appliance, Office automation equipment,
Amusement machine, Power circuit for electric
device
● High - µ and High Bm cores
● Wide inductor range
● Magnetic shield type (E Type)
● RoHS compliant
Pin terminal inductors featuring small size
and high performance
Type 09D
Type 11D
Type 12D
Type 16B
Type 18B
Type 10E–L
Type 12E–L
Type 15E–L
Type 18E–L
Recommended Applications
Available I-L Characteristics
Oct. 2014
02


Similar Part No. - 09D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
09DA-8M ETC2-09DA-8M Datasheet
230Kb / 1P
2.0 mm Pitch DA to KR Standard Catalog Assembly
09DS-8E ETC2-09DS-8E Datasheet
229Kb / 1P
2.0 mm Pitch DS Standard Catalog Assembly
More results

Similar Description - 09D

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELC-09D180F PANASONIC-ELC-09D180F Datasheet
136Kb / 7P
Choke Coils
ELC11D2R2F PANASONIC-ELC11D2R2F Datasheet
321Kb / 4P
Choke coils
ELL4FG100MA PANASONIC-ELL4FG100MA Datasheet
151Kb / 2P
Choke Coils
ELC-09D470F PANASONIC-ELC-09D470F Datasheet
136Kb / 7P
Choke Coils
ELL-6PG6R8N PANASONIC-ELL-6PG6R8N Datasheet
83Kb / 2P
Choke Coils
ELC-09D101DF PANASONIC-ELC-09D101DF Datasheet
136Kb / 7P
Choke Coils
ELC06D3R3E PANASONIC-ELC06D3R3E Datasheet
771Kb / 10P
Choke Coils
ELC-16B561L PANASONIC-ELC-16B561L Datasheet
136Kb / 7P
Choke Coils
ELC-09D680DF PANASONIC-ELC-09D680DF Datasheet
136Kb / 7P
Choke Coils
ELC-15E561L PANASONIC-ELC-15E561L Datasheet
204Kb / 8P
Choke Coils
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com