Electronic Components Datasheet Search
  English  ▼

X  

09D Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # 09D
Description  Choke Coils
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

09D Datasheet(HTML) 4 Page - Panasonic Semiconductor

  09D Datasheet HTML 1Page - Panasonic Semiconductor 09D Datasheet HTML 2Page - Panasonic Semiconductor 09D Datasheet HTML 3Page - Panasonic Semiconductor 09D Datasheet HTML 4Page - Panasonic Semiconductor 09D Datasheet HTML 5Page - Panasonic Semiconductor 09D Datasheet HTML 6Page - Panasonic Semiconductor 09D Datasheet HTML 7Page - Panasonic Semiconductor 09D Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Power Inductors
f11.5 max.
5.0±0.5
2–
f0.6
5.0±0.1
2–
f1.00±0.05
S
F
Part No.
Inductance
(µH)
Tolerance
(%)
Test Freq.
(kHz)
R.DC.(
Ω)
[at 20 °C]
(Tol.±20 %)
IDC.✽
[at 20 °C]
(A)max.
ELC11D2R2
□F
2.2
±20
10
0.013
5.30
ELC11D2R7
□F
2.7
0.014
5.10
ELC11D3R3
□F
3.3
0.015
4.90
ELC11D3R9
□F
3.9
0.016
4.80
ELC11D4R7
□F
4.7
0.018
4.70
ELC11D5R6
□F
5.6
0.020
4.60
ELC11D6R8
□F
6.8
0.022
4.40
ELC11D8R2
□F
8.2
0.024
3.90
ELC11D100
□F
10.0
0.029
3.50
ELC11D120
□F
12.0
0.030
3.40
ELC11D150
□F
15.0
0.033
3.30
ELC11D180
□F
18.0
0.037
3.10
ELC11D220
□F
22.0
±10
0.040
2.80
ELC11D270
□F
27.0
0.048
2.70
ELC11D330
□F
33.0
0.051
2.60
ELC11D390
□F
39.0
0.057
2.50
ELC11D470
□F
47.0
0.063
2.30
ELC11D560
□F
56.0
0.071
2.10
ELC11D680
□F
68.0
0.082
2.00
ELC11D820
□F
82.0
0.090
1.90
ELC11D101
□F
100.0
0.120
1.80
ELC11D121
□F
120.0
0.160
1.60
ELC11D151
□F
150.0
0.180
1.40
ELC11D181
□F
180.0
0.200
1.30
ELC11D221
□F
220.0
0.230
1.20
ELC11D271
□F
270.0
0.320
1.10
ELC11D331
□F
330.0
0.350
1.00
ELC11D391
□F
390.0
0.400
0.95
ELC11D471
□F
470.0
0.490
0.82
ELC11D561
□F
560.0
0.620
0.73
ELC11D681
□F
680.0
0.780
0.64
ELC11D821
□F
820.0
0.870
0.62
ELC11D102
□F
1000.0
1.100
0.57
ELC11D122
□F
1200.0
1.200
0.52
ELC11D152
□F
1500.0
1.700
0.43
ELC11D182
□F
1800.0
2.000
0.40
ELC11D222
□F
2200.0
2.300
0.38
ELC11D272
□F
2700.0
2.800
0.34
ELC11D332
□F
3300.0
3.600
0.31
ELC11D392
□F
3900.0
4.500
0.29
ELC11D472
□F
4700.0
5.200
0.26
ELC11D562
□F
5600.0
6.900
0.23
ELC11D682
□F
6800.0
7.800
0.21
ELC11D822
□F
8200.0
10.600
0.18
ELC11D103
□F
10000.0
11.800
0.16
Recommended PWB
piercing plan
Connection Schematic
[Dimensions in mm]
(not to scale)
✽ Allowable DC Current: Smaller current value either when the inductance is –10 % or when the case temperature has risen 45 °C.
Examples Type 11D
Jun. 2016
03



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com